Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLS3036-7PPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRLS3036-7PPBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3036-7PPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLS3036-7PPBF Datasheet HTML 1Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 2Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 3Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 4Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 5Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 6Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 7Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 8Page - International Rectifier IRLS3036-7PPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLS3036-7PPbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
50
60
70
80
ID = 5mA
0
10
20
30
40
50
60
70
VDS, Drain-to-Source Voltage (V)
0.0
1.0
2.0
3.0
4.0
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
I D
TOP
22A
37A
BOTTOM
180A
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
DC
LIMITED BY PACKAGE
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
LIMITED BY PACKAGE


Similar Part No. - IRLS3036-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLS3036-7PPBF IRF-IRLS3036-7PPBF Datasheet
313Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRLS3036-7PPBF IRF-IRLS3036-7PPBF_10 Datasheet
313Kb / 9P
   HEXFETPower MOSFET
IRLS3036-7PPBF IRF-IRLS3036-7PPBF_15 Datasheet
313Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRLS3036-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com