Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17482 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17482
Description  Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17482 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17482 Datasheet HTML 3Page - Maxim Integrated Products MAX17482 Datasheet HTML 4Page - Maxim Integrated Products MAX17482 Datasheet HTML 5Page - Maxim Integrated Products MAX17482 Datasheet HTML 6Page - Maxim Integrated Products MAX17482 Datasheet HTML 7Page - Maxim Integrated Products MAX17482 Datasheet HTML 8Page - Maxim Integrated Products MAX17482 Datasheet HTML 9Page - Maxim Integrated Products MAX17482 Datasheet HTML 10Page - Maxim Integrated Products MAX17482 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Dual-Phase, Quick-PWM Controllers for
IMVP-6+/IMVP-6.5 CPU Core Power Supplies
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN1 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DL_ Gate Driver Sink
Current
IDL_(SINK)
DL_ forced to 2.5V
8
A
Internal BST_ Switch
On-Resistance
RON(BST_)
10
20
LOGIC AND I/O
Logic Input High Voltage
VIH
SHDN, PGDIN
MAX17021: DPRSLPVR
2.3
V
Logic Input Low Voltage
VIL
SHDN, PGDIN
MAX17021: DPRSLPVR
1.0
V
SHDN No-Fault Level
To enable no-fault mode
11
13
V
Low-Voltage Logic Input
High Voltage
VIHLV
PSI, D0–D6;
MAX17082/MAX17482: DPRSLPVR,
SLOW,
MAX17021:
DPRSTP
0.67
V
Low-Voltage Logic Input
Low Voltage
VILLV
PSI, D0–D6;
MAX17082/MAX17482: DPRSLPVR,
SLOW,
MAX17021:
DPRSTP
0.33
V
Logic Input Current
TA = +25°C,
SHDN, DPRSLPVR, PGDIN, PSI,
DPRSTP, SLOW, D0–D6 = 0 or 5V
-1
+1
μA
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 10V, VCC = VDD = VSHDN = VPGDIN = VPSI = VILIM = 5V, V3P3 = 3.3V, DPRSLPVR = GNDS = GND, VCSP1
= VCSN1 = VCSP2 = VCSN2 = 1.0000V, FB = FBAC, RFBAC = 3.57kΩ from FBAC to CSN1, D6–D0 = [0101000]; MAX17082/MAX17482:
VSLOW = 5V; MAX17021: DPRSTP = GND; TA = -40°C to +105°C, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
VCC, VDD
4.5
5.5
Input-Voltage Range
V3P3
3.0
3.6
V
DAC codes from
0.8125V to 1.5000V
-0.75
+0.75
%
DAC codes from
0.3750V to 0.8000V
-10
+10
DC Output-Voltage
Accuracy
VOUT
Measured at FB with
respect to GNDS;
includes load-
regulation error (Note 2)
DAC codes from 0 to
0.3625V
-25
+25
mV
MAX17021: IMVP-6+
1.19
1.21
Boot Voltage
VBOOT
MAX17082/MAX17482: IMVP-6.5
1.09
1.11
V


Similar Part No. - MAX17482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17480GTL++ MAXIM-MAX17480GTL+ Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX1748EUE MAXIM-MAX1748EUE Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
More results

Similar Description - MAX17482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX1907A MAXIM-MAX1907A Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX17528 MAXIM-MAX17528 Datasheet
899Kb / 41P
   1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Rev 0; 7/09
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
   Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com