Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19998 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX19998
Description  SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19998 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX19998 Datasheet HTML 4Page - Maxim Integrated Products MAX19998 Datasheet HTML 5Page - Maxim Integrated Products MAX19998 Datasheet HTML 6Page - Maxim Integrated Products MAX19998 Datasheet HTML 7Page - Maxim Integrated Products MAX19998 Datasheet HTML 8Page - Maxim Integrated Products MAX19998 Datasheet HTML 9Page - Maxim Integrated Products MAX19998 Datasheet HTML 10Page - Maxim Integrated Products MAX19998 Datasheet HTML 11Page - Maxim Integrated Products MAX19998 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SiGe, High-Linearity, 2300MHz to 4000MHz
Downconversion Mixer with LO Buffer
8 ______________________________________________________________________________________
Typical Operating Characteristics
(Typical Application Circuit with tuning elements outlined in Table 1, VCC = 5.0V, fRF = 3100MHz to 3900MHz, LO is low-side injected
for a 300MHz IF, PRF = -5dBm, PLO = 0dBm, TC = +25NC, unless otherwise noted.)
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
7
8
9
10
11
6
3000
4000
TC = +85°C
TC = +25°C
TC = -40°C
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
7
8
9
10
11
6
3000
4000
PLO = -3dBm, 0dBm, +3dBm
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
7
8
9
10
11
6
3000
4000
VCC = 4.75V, 5.0V, 5.25V
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
24
25
26
23
3000
4000
TC = -40°C
TC = +85°C
TC = +25°C
PRF = -5dBm/TONE
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
24
25
26
23
3000
4000
PLO = -3dBm, 0dBm, +3dBm
PRF = -5dBm/TONE
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
24
25
26
23
3000
4000
PRF = -5dBm/TONE
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
2RF - 2LO RESPONSE
vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
60
70
80
90
50
3000
4000
PRF = -5dBm
TC = -40°C
TC = +25°C
TC = +85°C
2RF - 2LO RESPONSE
vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
60
70
80
90
50
3000
4000
PRF = -5dBm
PLO = 0dBm
PLO = -3dBm
PLO = +3dBm
2RF - 2LO RESPONSE
vs. RF FREQUENCY
RF FREQUENCY (MHz)
3800
3600
3400
3200
60
70
80
90
50
3000
4000
PRF = -5dBm
VCC = 4.75V, 5.0V, 5.25V


Similar Part No. - MAX19998

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX++ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results

Similar Description - MAX19998

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19997A MAXIM-MAX19997A_11 Datasheet
585Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 2; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com