Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17020ETJ+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17020ETJ+
Description  Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17020ETJ+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17020ETJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX17020ETJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Dual Quick-PWM Step-Down Controller
with Low-Power LDO, RTC Regulator
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4118; Rev 2; 2/09
o
o
o
o
o
o
o
o
o
o
o
o
o
o
o
General Description
The MAX17020 is a dual Quick-PWM™ step-down
power-supply (SMPS) controller with synchronous rec-
tification, intended for main 5V/3.3V or I/O 1.5V/1.05V
power generation in battery-powered systems. Low-
side MOSFET sensing provides a simple low-cost,
highly efficient current sense for valley current-limit
protection. Combined with the output overvoltage and
undervoltage protection features, this current limit
ensures robust output supplies.
The 5V/3.3V or 1.5V/1.05V SMPS outputs can save
power by operating in pulse-skipping mode or in ultra-
sonic mode to avoid audible noise. Ultrasonic mode
forces the controller to maintain switching frequencies
greater than 20kHz at light loads.
An internal 100mA linear regulator can be used to
either generate the 5V bias needed for power-up or
other lower power “always-on” suspend supplies. An
independent bypass input allows automatic bypassing
of the linear regulator when the SMPS is active.
This main controller also includes a secondary feed-
back input that triggers an ultrasonic pulse (DL1 turned
on) if the SECFB voltage drops below its threshold volt-
age. This refreshes an external charge pump driven by
DL1 without overcharging the output voltage.
The device includes independent shutdown controls to
simplify power-up and power-down sequencing. To
prevent current surges at startup, the internal voltage
target is slowly ramped up from zero to the final target
over a 1ms period. To prevent the output from ringing
below ground in shutdown, the internal voltage target
is ramped down from its previous value to zero over a
1ms period. Two independent power-good outputs
simplify the interface with external controllers.
The MAX17020 is a pin-for-pin replacement of the
MAX8778.
Features
Applications
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX17020ETJ+
-40°C to +85°C
32 TQFN
Dual Quick-PWM
Internal 100mA 5V or Adjustable Linear Regulator
Independent LDO Bypass Input
Internal Boost Diodes
Secondary Feedback Input Maintains Charge Pump
3.3V 5mA RTC Power (Always On)
OUT1: 5V or 1.5V Fixed or 0.7V Adjustable
Feedback
OUT2: 3.3V or 1.05V Fixed or Dynamic Adjustable
Dynamic 0V to 2V REFIN2 Input on Second SMPS
2V ±1% 50µA Reference
6V to 24V Input Range (28V max)
Ultrasonic Mode
Independent SMPS and LDO Enable Controls
Independent SMPS Power-Good Outputs
Minimal Component Count
Notebook Computers
Main System Supply (5V and 3.3V Supplies)
I/O System Supply (1.5V and 1.05V Supplies)
Graphic Cards
DDR1, DDR2, DDR3 Power Supplies
Game Consoles
Low-Power I/O and Chipset Supplies
Two-to-Four Li+ Cell Battery-Powered Devices
PDAs and Mobile Communicators
Telecommunication
MAX17020
THIN QFN (T3255-4)
5mm x 5mm
TOP VIEW
A "+" SIGN FIRST-PIN INDICATOR DENOTES A LEAD-FREE PACKAGE.
29
30
28
27
12
11
13
14
12
PGOOD2
45
6
7
23
24
22
20
19
18
SKIP
OUT2
ON1
PGOOD1
ILIM1
FB1
3
21
31
10
ILIM2
OUT1
32
9
REFIN2
+
BYP
ON2
26
15
DH1
DH2
25
16
LX1
8
17
LX2
Pin Configuration
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX17020ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT++ MAXIM-MAX17021EVKIT+ Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021GTL++ MAXIM-MAX17021GTL+ Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results

Similar Description - MAX17020ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
   Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Maxim Integrated Produc...
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Microchip Technology
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
   PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
   PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com