Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9877AERP Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX9877AERP
Description  Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9877AERP Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX9877AERP Datasheet HTML 23Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 24Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 25Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 26Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 27Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 28Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 29Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 30Page - Maxim Integrated Products MAX9877AERP Datasheet HTML 31Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Increasing the value of C1 reduces the charge-pump out-
put resistance to an extent. Above 1µF, the on-resistance
of the switches and the ESR of C1 and C2 dominate.
Output Holding Capacitor (C2)
The output capacitor value and ESR directly affect the
ripple at VSS. Increasing the value of C2 reduces output
ripple. Likewise, decreasing the ESR of C2 reduces both
ripple and output resistance. Lower capacitance values
can be used in systems with low maximum output power
levels. See the Output Power vs. Load Resistance graph
in the
Typical Operating Characteristics.
PVDD Bulk Capacitor (C3)
In addition to the recommended PVDD bypass capaci-
tance, bulk capacitance equal to C3 should be used.
Place the bulk capacitor as close to the device as possible.
Supply Bypassing,
Layout, and Grounding
Proper layout and grounding are essential for optimum
performance. Use wide traces for the power-supply
inputs and amplifier outputs to minimize losses due to
parasitic trace resistance. Wide traces also aid in mov-
ing heat away from the package. Proper grounding
improves audio performance, minimizes crosstalk
between channels, and prevents any switching noise
from coupling into the audio signal. Connect PGND and
GND together at a single point on the PCB. Route all
traces that carry switching transients away from GND
and the traces/components in the audio signal path.
Connect PVDD to a 2.7V to 5.25V source. Bypass PVDD
to the PGND pin with a 1µF ceramic capacitor.
Additional bulk capacitance should be used to prevent
power-supply pumping. Place the bypass capacitors
as close to the MAX9877A as possible.
Connect VDD to PVDD. Bypass VDD to GND with a 1µF
capacitor. Place the bypass capacitors as close to the
MAX9877A as possible.
RF Susceptibility
GSM radios transmit using time-division multiple
access (TDMA) with 217Hz intervals. The result is an
RF signal with strong amplitude modulation at 217Hz
that is easily demodulated by audio amplifiers. Figure
14 shows the susceptibility of the MAX9877A to a trans-
mitting GSM radio placed in close proximity. Although
there is measurable noise at 217Hz and its harmonics,
the noise is well below the threshold of hearing using
typical headphones.
In RF applications, improvements to both layout and
component selection decreases the MAX9877A’s sus-
ceptibility to RF noise and prevent RF signals from
being demodulated into audible noise. Trace lengths
should be kept below 1/4 the wavelength of the RF fre-
quency of interest. Minimizing the trace lengths pre-
vents them from functioning as antennas and coupling
RF signals into the MAX9877A. The wavelength
λ in
meters is given by:
λ = c/f
where c = 3 x 108 m/s, and f = the RF frequency of
interest.
Route audio signals on middle layers of the PCB to
allow ground planes above and below shield them from
RF interference. Ideally the top and bottom layers of the
PCB should primarily be ground planes to create effec-
tive shielding.
Additional RF immunity can also be obtained from rely-
ing on the self-resonant frequency of capacitors as it
exhibits the frequency response similar to a notch filter.
Depending on the manufacturer, 10pF to 20pF capaci-
tors typically exhibit self resonance at RF frequencies.
These capacitors, when placed at the input pins, can
effectively shunt the RF noise at the inputs of the
MAX9877A. For these capacitors to be effective, they
must have a low-impedance, low-inductance path to
the ground plane. Do not use microvias to connect to
the ground plane as these vias do not conduct well at
RF frequencies.
Low RF Susceptibility, Mono Audio
Subsystem with DirectDrive Headphone Amplifier
28
______________________________________________________________________________________
RF SUSCEPTIBILITY
FREQUENCY (Hz)
10k
1k
100
-130
-110
-90
-70
-50
-30
-10
-150
10
100k
THRESHOLD OF HEARING
MAX9877A
NOISE FLOOR
Figure 14. MAX9877A Susceptibility to a GSM Cell Phone
Radio


Similar Part No. - MAX9877AERP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9877EWP+TG45 MAXIM-MAX9877EWP+TG45 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
More results

Similar Description - MAX9877AERP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877 MAXIM-MAX9877 Datasheet
498Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
   Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com