Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-60-5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # S-60-5
Description  60W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

S-60-5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  S-60-5 Datasheet HTML 1Page - RSG Electronic Components GmbH S-60-5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.901Unit:mm
StaticCharacteristics(24V)
FileName:S-60-SPEC2007-02-08
AMBIENTTEMPERATURE(
)
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
4.5
3.5
2-M
3
152.5
150
6.5
78
24
159
22
117
3-M
3
5
4
3
2
1
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
Vo
300
350
32
250
28
200
24
150
20
100
16
50
12
8
Ta=25
DeratingCurve
60WSingleOutputSwitchingPowerSupply
S - 6 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - S-60-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
S-60-5 TOTAL-POWER-S-60-5 Datasheet
407Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60-5 MEANWELL-S-60-5 Datasheet
412Kb / 2P
   60W Single Output Switching Power Supply
S-60-5 MEANWELL-S-60-5 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
More results

Similar Description - S-60-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com