Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1000-15 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RSP-1000-15
Description  1000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RSP-1000-15 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RSP-1000-15 Datasheet HTML 1Page - RSG Electronic Components GmbH RSP-1000-15 Datasheet HTML 2Page - RSG Electronic Components GmbH RSP-1000-15 Datasheet HTML 3Page - RSG Electronic Components GmbH RSP-1000-15 Datasheet HTML 4Page - RSG Electronic Components GmbH RSP-1000-15 Datasheet HTML 5Page - RSG Electronic Components GmbH RSP-1000-15 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TB1
Fig1.1
LOAD
-
+
SVR51 CN50
111
212
-V
+V
Thepowersupplyunitwillhavenooutputiftheshortingconnector(accessorycomesalongwiththePSU)isnotassembled.Itcontains
twoshortingwires:oneisfromON/OFF(pin6)to-S(pin2)andtheotherisfromVco(pin8)toVca(pin10).
+S
1
-S
2
AUXG
AUX
DC_OK
ON/OFF
CS
CN50
(Shortingconnector)
Vco
Vci
Vca
GND
11
GND
12
1000WSingleOutputPowerSupply
R S P - 1 0 0 0 series
FunctionDescriptionofCN50
FunctionManual
1."RemoteON/OFF"and"Outputvoltagetrim"functionsarenotused.
PinNo. Function Description
1
4
5
7
8
10
11,12
2
3
6
9
+S
5V-AUX
DC_OK
CS
Vco
Vca
GND
-S
G-AUX
ON/OFF
Vci
Auxiliaryvoltageoutput,4.6~5.25V,referencedtopin3(G-AUX). Themaximumloadcurrentis0.5A. Thisoutputhasthebuilt-inoring
diodesandisnotcontrolledbythe"remoteON/OFFcontrol".
Opencollectorsignal,referencedtopin11,12(GND).LowwhenPSUturnson. Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis 5.6V.
Currentsharingsignal.Whenunitsareconnectedinparallel,theCSpinsoftheunitsshouldbeconnectedtoallowcurrentbalance
betweenunits.
ShortconnectingbetweenVco(pin8)andVca(pin10)ifoutputvoltagetrimfunctionisnotused.
Connecttoexternalresistor(1/8W)foroutputvoltagetriming.Outputvoltagecanbetrimmedbetween40~110%oftheratedoutput
voltage.Please refertofunctionmanualfordetails.
Thesepinsconnecttothenegativeterminal(-V).ReturnforDC_OKSignaloutput.
Turnstheoutputonandoffbyelectricalordrycontactbetweenpin6(ON/OFF)andpin2(-S).Short:PowerON,Open:PowerOFF.
ConnecttoexternalDCvoltagesourceforoutputvoltagetriming,referencedtopin2(-S).Outputvoltagecanbetrimmedbetween
40~110%oftheratedoutputvoltage.
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
Auxiliaryvoltageoutputground. Thesignalreturnisisolatedfromtheoutputterminals(+V&-V).
FileName:RSP-1000-SPEC2006-11-21
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - RSP-1000-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-1000-15 MEANWELL-RSP-1000-15 Datasheet
301Kb / 6P
   1000W Single Output Power Supply
RSP-1000-15 MEANWELL-RSP-1000-15 Datasheet
296Kb / 6P
   1000W Single Output Power Supply
RSP-1000-15 MEANWELL-RSP-1000-15 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000-15 TOTAL-POWER-RSP-1000-15 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000-15 MEANWELL-RSP-1000-15 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
More results

Similar Description - RSP-1000-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000_11 Datasheet
296Kb / 6P
   1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000 Datasheet
952Kb / 3P
   1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000_11 Datasheet
239Kb / 3P
   1000W Single Output Power Supply
RSP-1000_1112 MEANWELL-RSP-1000_1112 Datasheet
311Kb / 6P
   1000W Single Output Power Supply
logo
Total Power Internation...
RSP-1000 TOTAL-POWER-RSP-1000 Datasheet
159Kb / 6P
   1000W Single Output Power Supply
logo
Astrodyne Corporation
RSP1000 ASTRODYNE-RSP1000 Datasheet
1Mb / 7P
   1000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1000 MEANWELL-RSP-1000 Datasheet
301Kb / 6P
   1000W Single Output Power Supply
RSP-1000 MEANWELL-RSP-1000_V01 Datasheet
819Kb / 8P
   1000W Power Supply with Single Output
2022-08-08
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
ETA-USA
FHHSX-U1 ETA-USA-FHHSX-U1 Datasheet
1Mb / 5P
   1000W Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com