Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-25 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS-25
Description  25W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS-25 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS-25 Datasheet HTML 1Page - RSG Electronic Components GmbH RS-25 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
LED
+V ADJ.
2
3
5
4
13
2-M3
66.5
10.5
55
79
2.25
2-M3L=4
MechanicalSpecification
CaseNo.931A
Unit:mm
AMBIENTTEMPERATURE(
)
-20
0
20
10
30
40
20
40
80
60
100
60
70
50
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
StaticCharacteristics(24V)
150
100
50
25
200
250
300
INPUTVOLTAGE(VAC)60Hz
80
60
120
100
160
140
200
180
240
220
264
Ta=25
28
32
24
20
16
12
8
BlockDiagram
fosc:60KHz
CONTROL
ING
-V
+V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FG
I/P
FILTER
EMI
3.3Vonly
Others
(HORIZONTAL)
DeratingCurve
25WSingleOutputSwitchingPowerSupply
R S - 2 5 series
FileName:RS-25-SPEC2006-04-12
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - RS-25

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-25 MEANWELL-RS-25 Datasheet
286Kb / 2P
   25W Single Output Switching Power Supply
RS-25 MEANWELL-RS-25 Datasheet
289Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS-25-12 ASTRODYNE-RS-25-12 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
More results

Similar Description - RS-25

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com