Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU150-12B Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PU150-12B
Description  150 WATT SWITCHING POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU150-12B Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PU150-12B Datasheet HTML 1Page - RSG Electronic Components GmbH PU150-12B Datasheet HTML 2Page - RSG Electronic Components GmbH PU150-12B Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
150 WATT SWITCHING POWER SUPPLIES
DESCRIPTION
The PU150 series comprises single and multiple output models
for 150 watts of continuous output power. Auto-ranging input
allows them to operate from any line voltage throughout the
world without a selector strap. All auxiliary outputs are with
magnetic
amplifier
to
keep
regulation.
The
units
are
constructed on a printed circuit board with a U-bracket for
mechanical support and heat sinking, in 1U height.
FEATURES
• Auto-ranging input
• Overvoltage pr otection
• Short-cir cuit pr otection with auto-r ecovery
• Power Fail Detect ( PFD ) signal on models
W i th 5V output
• 100 ﹪ burn-in at full rated load
INPUT SPECIFICATIONS
Input voltage :
85 to 132 VA C, or 170 to
264 VA C ( auto-ranging )
Input fr equency :
47 to 63 Hz
Input curr ent :
3.4A ( rms ) for 115VAC
2.0A ( rms ) for 230VAC
Leakage curr ent :
0.4mA max. @ 1 15VAC, 60Hz
0.8mA max. @ 230VAC, 50Hz
PU150 SERIES
Safety Standard Approvals :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
150 watts maximum at 30 CFM
forced air cooling or 110 watts
maximum at convection cooling
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set
at 112-136﹪ of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within 500us
after a 25﹪ step load change
ENVIRONMENTAL SPECIFICATIONS
Operating temperatur e : 0 ℃ to +70 ℃
Storage temperatur e :
-40 ℃ to +85 ℃
Relative humidity :
5 ﹪ to 95% non-condensing
Derating:
Derate from 100﹪ at +50℃
Linearly to 50﹪at +70℃
GENERAL SPECIFICATIONS
Switching frequency:
120KHz ±15%
Efficiency:
70﹪ typical on all models
Hold-up time:
15 msec minimum at 115VAC
Line regulation:
±0.5﹪ maximum at full load
Inrush current:
20 amps @ 115VAC, or 40 amps @
230VAC, at 25℃ cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
300,000 hours minimum at full load at
25℃ ambient, calculated per
MIL-HDBK-217F
EMC performance (EN55024)
EN55022:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
V C C I :
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ± 8KV air and ± 4KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ± 1KV
EN61000-4-5:
Surge, ± 1KV diff., ± 2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-1 1:
Voltage dips, 30 ﹪ reduction for 500ms and
>95
﹪ reduction for 10ms
1-11
UL 60950-1
File No. E137410
CSA C22.2 No. 60950-1
File No. LR93632
TÜV EN60950-1
Certificate No. R9954992
(
LVD)
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PU150-12B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU150-12B TRUMPOWER-PU150-12B Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU150-12B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MK150S ASTRODYNE-MK150S Datasheet
560Kb / 3P
   Compact 150 Watt Enclosed Switching Power Supplies
MK150 ASTRODYNE-MK150 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
TM201 TRUMPOWER-TM201 Datasheet
335Kb / 3P
   150- 200 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com