Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8788PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF8788PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8788PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF8788PBF Datasheet HTML 1Page - International Rectifier IRF8788PBF Datasheet HTML 2Page - International Rectifier IRF8788PBF Datasheet HTML 3Page - International Rectifier IRF8788PBF Datasheet HTML 4Page - International Rectifier IRF8788PBF Datasheet HTML 5Page - International Rectifier IRF8788PBF Datasheet HTML 6Page - International Rectifier IRF8788PBF Datasheet HTML 7Page - International Rectifier IRF8788PBF Datasheet HTML 8Page - International Rectifier IRF8788PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF8788PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
2
3
4
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
≤60μs PULSE WIDTH
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 24A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.3V
≤60μs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 25°C
2.3V


Similar Part No. - IRF8788PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF-1 IRF-IRF8788PBF-1 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8788PBF-1 IRF-IRF8788PBF-1_15 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8788PBF IRF-IRF8788PBF_15 Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

Similar Description - IRF8788PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com