Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-65C Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PT-65C
Description  65W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PT-65C Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PT-65C Datasheet HTML 1Page - RSG Electronic Components GmbH PT-65C Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
File Name:PT-65-SPEC 2006-12-19
Unit:mm
fosc : 65KHz
Block Diagram
Mechanical Specification
Static Characteristics (B)
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
-10
0102030405060
20
40
60
80
100
INPUT VOLTAGE (V) 60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
6
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
V2
V3
FG
I/P
FILTER
EMI
DC Output Connector (CN2) : Molex 5273-06 or equivalent
Pin No.
1
2,3
4,5
6
PIN2:+5V
PIN3,4,5:COM only for PT-65D
Assignment
V2
+5V
COM
V3
Mating Housing
Molex 5195
or equivalent
Terminal
Molex 5194
or equivalent
AC Input Connector (CN1) : Molex 5277-02 or equivalent
Pin No.
1
2
Assignment
Mating Housing
Molex 5195
Molex 5194
or equivalent
or equivalent
Terminal
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
AC FUSE
F4A/250V
Derating Curve
12V
+5V
+12V
-12V
+5V
65W Triple Output Switching Power Supply
PT-65 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PT-65C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT-65C ASTRODYNE-PT-65C Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65C MEANWELL-PT-65C Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
PT-65C MEANWELL-PT-65C Datasheet
433Kb / 2P
   65W Triple Output Switching Power Supply
PT-65C MEANWELL-PT-65C Datasheet
431Kb / 2P
   65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT-65C ASTRODYNE-PT-65C Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
More results

Similar Description - PT-65C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
RT-65 ASTRODYNE-RT-65 Datasheet
517Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RPT-65 MEANWELL-RPT-65_10 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65 Datasheet
439Kb / 2P
   65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT65 ASTRODYNE-RT65 Datasheet
300Kb / 4P
   65W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-65 TOTAL-POWER-RT-65 Datasheet
515Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65_10 Datasheet
446Kb / 2P
   65W Triple Output Switching Power Supply
RPT-65 MEANWELL-RPT-65_11 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com