Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3802MTR1PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3802MTR1PBF
Description  SupIRBuckTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3802MTR1PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3802MTR1PBF Datasheet HTML 7Page - International Rectifier IR3802MTR1PBF Datasheet HTML 8Page - International Rectifier IR3802MTR1PBF Datasheet HTML 9Page - International Rectifier IR3802MTR1PBF Datasheet HTML 10Page - International Rectifier IR3802MTR1PBF Datasheet HTML 11Page - International Rectifier IR3802MTR1PBF Datasheet HTML 12Page - International Rectifier IR3802MTR1PBF Datasheet HTML 13Page - International Rectifier IR3802MTR1PBF Datasheet HTML 14Page - International Rectifier IR3802MTR1PBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/04/08
11
PD-60356
IR3802MPBF
Application Information
Design Example:
The following example is a typical application for
the IR3802. The application circuit is shown in
page 17.
Output Voltage Programming
Output voltage is programmed by reference
voltage and external voltage divider. The Fb pin
is the inverting input of the error amplifier, which
is internally referenced to 0.6V. The divider is
ratioed to provide 0.6V at the Fb pin when the
output is at its desired value. The output voltage
is defined by using the following equation:
When an external resistor divider is connected to
the output as shown in figure 10.
Equation (4) can be rewritten as:
For the calculated values of R
8
and R
9 see
feedback compensation section.
kHz
600
F
mV
30
ΔV
A
4
I
V
8
.
1
V
)
max
V,
2
.
13
V,(
12
V
s
o
o
o
in
=
=
=
=
)
4
--(
R
R
1
V
V
9
8
ref
o
⎟⎟
⎜⎜
+
=
Fig. 10: Typical application of the IR3802 for
programming the output voltage
)
5
--(
V
V
V
R
R
ref
O
ref
8
9
⎟⎟
⎜⎜
=
Soft-Start Programming
The soft-start timing can be programmed by
selecting the soft-start capacitance value. The
start-up time of the converter can be calculated
by using:
Where T
start is the desired start-up time (ms)
For a start-up time of 11ms, the soft-start
capacitor will be 0.22uF.
Vc supply for single input voltage
To drive the high-side switch, it is necessary to
supply a gate voltage at least 4V greater than the
bus voltage. This is achieved by using a charge
pump configuration as shown in figure 11. This
method is simple and inexpensive. The operation
of the circuit is as follows: when the lower
MOSFET is turned on, the capacitor
(C1) is
pulled down to ground and charges, up to V
BUS
value, through the diode (D1). The bus voltage
will be added to this voltage when upper
MOSFET turns on in next cycle, and providing
supply voltage (Vc) through diode (D2). Vc is
approximately:
Capacitors in the range of 0.1uF are generally
adequate for most applications. The diodes must
be a fast recovery device to minimize the amount
of charge fed back from the charge pump
capacitor into V
BUS. The diodes need to be able
to block the full power rail voltage, which is seen
when the high-side MOSFET is switched on. For
low-voltage application, schottky diodes can be
used to minimize forward drop across the diodes
at start up.
Fig. 11: Charge pump circuit to generate
Vc voltage
(
)
)
6
--(
V
V
V
2
V
2
D
1
D
bus
C
+
)
1
--(
T
A
20
C
start
SS
*
μ
Fb
IR3624
VOUT
R9
R8
IR3802
PGnd
SW
Vc
Vin
Vin
IR3802
D1
D2
C1


Similar Part No. - IR3802MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3802MTRPBF IRF-IR3802MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3802MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800AMPBF IRF-IR3800AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3801MPBF IRF-IR3801MPBF Datasheet
668Kb / 21P
   SupIRBuckTM
IR3802AMPBF IRF-IR3802AMPBF Datasheet
670Kb / 21P
   SupIRBuckTM
IR3801AMPBF IRF-IR3801AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com