Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3800AMTR1PbF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3800AMTR1PbF
Description  SupIRBuckTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3800AMTR1PbF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3800AMTR1PbF Datasheet HTML 2Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 3Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 4Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 5Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 6Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 7Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 8Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 9Page - International Rectifier IR3800AMTR1PbF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
11/04/08
6
PD-60353
IR3800AMPbF
Note1: Continuous output current determined by input and output voltage setting and the thermal environment.
Note2: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production.
Note3: Guaranteed by Design but not tested in production.
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Oscillator
Frequency
FS
270
300
330
kHz
Ramp Amplitude
Vramp
Note3
1.25
V
Min Pulse Width
Dmin(ctrl)
Note3
80
ns
Max Duty Cycle
Dmax
Fb=0V
80
%
Error Amplifier
Input Bias Current
IFB1
SS=3V
-0.1
-0.5
Input Bias Current
IFB2
SS=0V
20
35
50
Source/Sink Current
I(source/Sink)
50
70
90
μA
Transconductance
gm
1000
1300
1600
μmho
Soft Start/SD
Soft Start Current
ISS
SS=0V
15
20
28
μA
Shutdown Output
Threshold
SD
0.25
V
Over Current Protection
OCSET Current
IOCSET
15
20
26
Hiccup Current
IHiccup
Note3
3
μA
Hiccup Duty Cycle
Hiccup(duty)
IHiccup / ISS , Note3
15
%
Thermal Shutdown
Thermal Shutdown
Threshold
Note3
140
Thermal Shutdown
Hysteresis
Note3
20
oC


Similar Part No. - IR3800AMTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MTR1PBF IRF-IR3800MTR1PBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MTRPBF IRF-IR3800MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3800AMTR1PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3801MPBF IRF-IR3801MPBF Datasheet
668Kb / 21P
   SupIRBuckTM
IR3802AMPBF IRF-IR3802AMPBF Datasheet
670Kb / 21P
   SupIRBuckTM
IR3802MPBF IRF-IR3802MPBF Datasheet
672Kb / 21P
   SupIRBuckTM
IR3801AMPBF IRF-IR3801AMPBF Datasheet
673Kb / 21P
   SupIRBuckTM
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com