Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4730 Datasheet(PDF) 3 Page - Daya Electric Group Co., Ltd.

Part # 1N4730
Description  SILICON PLANAR POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

1N4730 Datasheet(HTML) 3 Page - Daya Electric Group Co., Ltd.

  1N4730 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 1N4730 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 1N4730 Datasheet HTML 3Page - Daya Electric Group Co., Ltd. 1N4730 Datasheet HTML 4Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0
10
10
mA
Iz
20
30
40
50
20
30
40
50
Breakdowm characteristics
Tj=constant(pulsed)
10
0
0
1
30
20
50
40
Iz
100
70
60
90
80
mA
23
4
5
Vz
60
70
80
90
100
110
120
IN...
Tj=25 C
o
Vz
67
89
10
11
12
IN...
Tj=25 C
o
1N4727...1N4764


Similar Part No. - 1N4730

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4730 SURGE-1N4730 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4730 SSC-1N4730 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4730 DGNJDZ-1N4730 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4730 SEMTECH-1N4730 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4730 DIOTECH-1N4730 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Similar Description - 1N4730

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com