Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2830AGUIM23 Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM2830AGUIM23
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2830AGUIM23 Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM2830AGUIM23 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 9Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 10Page - Champion Microelectronic Corp. CM2830AGUIM23 Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CM2830/CM2830A
300mA CMOS LDO
2004/04/30 Rev. 1.6
Champion Microelectronic Corporation
Page 7
ORDERING INFORMATION (CONTINUED)
Part Number
Output Voltage
Temperature Range
Package
CM2830AGAIN92
1.5V
-40℃ ~ +85℃
TO-92
CM2830AGAIM23
1.5V
-40℃ ~ +85℃
SOT-23-3
CM2830AGAIM89
1.5V
-40℃ ~ +85℃
SOT-89
CM2830AGDIN92
1.8V
-40℃ ~ +85℃
TO-92
CM2830AGDIM23
1.8V
-40℃ ~ +85℃
SOT-23-3
CM2830AGDIM89
1.8V
-40℃ ~ +85℃
SOT-89
CM2830AGEIN92
1.9V
-40℃ ~ +85℃
TO-92
CM2830AGEIM23
1.9V
-40℃ ~ +85℃
SOT-23-3
CM2830AGEIM89
1.9V
-40℃ ~ +85℃
SOT-89
CM2830AGFIN92
2.0V
-40℃ ~ +85℃
TO-92
CM2830AGFIM23
2.0V
-40℃ ~ +85℃
SOT-23-3
CM2830AGFIM89
2.0V
-40℃ ~ +85℃
SOT-89
CM2830AGHIN92
2.2V
-40℃ ~ +85℃
TO-92
CM2830AGHIM23
2.2V
-40℃ ~ +85℃
SOT-23-3
CM2830AGHIM89
2.2V
-40℃ ~ +85℃
SOT-89
CM2830AGKIN92
2.5V
-40℃ ~ +85℃
TO-92
CM2830AGKIM23
2.5V
-40℃ ~ +85℃
SOT-23-3
CM2830AGKIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2830AGMIN92
2.7V
-40℃ ~ +85℃
TO-92
CM2830AGMIM23
2.7V
-40℃ ~ +85℃
SOT-23-3
CM2830AGMIM89
2.7V
-40℃ ~ +85℃
SOT-89
CM2830AGNIN92
2.8V
-40℃ ~ +85℃
TO-92
CM2830AGNIM23
2.8V
-40℃ ~ +85℃
SOT-23-3
CM2830AGNIM89
2.8V
-40℃ ~ +85℃
SOT-89
CM2830AGOIN92
2.9V
-40℃ ~ +85℃
TO-92
CM2830AGOIM23
2.9V
-40℃ ~ +85℃
SOT-23-3
CM2830AGOIM89
2.9V
-40℃ ~ +85℃
SOT-89
CM2830AGPIN92
3.0V
-40℃ ~ +85℃
TO-92
CM2830AGPIM23
3.0V
-40℃ ~ +85℃
SOT-23-3
CM2830AGPIM89
3.0V
-40℃ ~ +85℃
SOT-89
CM2830AGSIN92
3.3V
-40℃ ~ +85℃
TO-92
CM2830AGSIM23
3.3V
-40℃ ~ +85℃
SOT-23-3
CM2830AGSIM89
3.3V
-40℃ ~ +85℃
SOT-89
CM2830AGUIN92
3.5V
-40℃ ~ +85℃
TO-92
CM2830AGUIM23
3.5V
-40℃ ~ +85℃
SOT-23-3
CM2830AGUIM89
3.5V
-40℃ ~ +85℃
SOT-89
CM2830AGVIN92
3.6V
-40℃ ~ +85℃
TO-92
CM2830AGVIM23
3.6V
-40℃ ~ +85℃
SOT-23-3
CM2830AGVIM89
3.6V
-40℃ ~ +85℃
SOT-89
CM2830AGXIN92
3.8V
-40℃ ~ +85℃
TO-92
CM2830AGXIM23
3.8V
-40℃ ~ +85℃
SOT-23-3
CM2830AGXIM89
3.8V
-40℃ ~ +85℃
SOT-89
Note: For other pre-set output voltage, please contact Champion Sales office.


Similar Part No. - CM2830AGUIM23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2830AGUIM23 ETC2-CM2830AGUIM23 Datasheet
390Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2830AGUIM23

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com