Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP-500-24 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PSP-500-24
Description  500W with PFC and Parallel Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PSP-500-24 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PSP-500-24 Datasheet HTML 1Page - RSG Electronic Components GmbH PSP-500-24 Datasheet HTML 2Page - RSG Electronic Components GmbH PSP-500-24 Datasheet HTML 3Page - RSG Electronic Components GmbH PSP-500-24 Datasheet HTML 4Page - RSG Electronic Components GmbH PSP-500-24 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:PSP-500-SPEC2006-04-13
CaseNo.919A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
90
115
135
180
230
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
20
40
60
80
100
12~48V
5V
ACInput TerminalPin.
No. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput TerminalPin.No Assignment
PinNo.
1~3
4~6
Assignment
DCOUTPUT +V
DCOUTPUT -V
ControlPin.No Assignment:MOLEX5559-NP uses5558malecrimpterminal
PinNo.
PinNo.
5
1
6
2
7
8
3
4
Assignment
Assignment
NC
P(Currentshare)
PF(Powerfailsignal)
-S
+S
RC+
G
RC-
Matingconnector
MOLEX5557-NR
Terminal
MOLEX5556
Femalecrimp
Terminal
receptacle
O/P
Airflow
direction
I/P
240
5
251
278
TOP VIEW
4-M3
3
2
1
4-M3
4
6
5
2
3
1
127
CONTROL
BOTTOMVIEW
2
6
8 4
7 3
5 1
LED
4-M3
113
7
ADJ.
15
220
4-M3
16
220
(HORIZONTAL)
500WwithPFCandParallelFunction
P S P - 5 0 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PSP-500-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-500-24 TOTAL-POWER-PSP-500-24 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-500-24 ASTRODYNE-PSP-500-24 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-500-24 MEANWELL-PSP-500-24 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
More results

Similar Description - PSP-500-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com