Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-25-7.5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PS-25-7.5
Description  25W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PS-25-7.5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PS-25-7.5 Datasheet HTML 1Page - RSG Electronic Components GmbH PS-25-7.5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
File Name:PS-25-SPEC 2005-10-03
Unit:mm
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
(HORIZONTAL)
(VERTICAL)
Mechanical Specification
Static Characteristics (24V)
Output Derating
-10
-10
01020304050
45
60
55
20
40
60
80
100
200
80
8
60
12
16
20
24
140
100
120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Ta=25
Mounting Holes
4-3.5 Dia
To Chassis Grounding
6.35
94
107
CN1
CN2
1
2
3
4
3
2
1
DC Output Connector (CN2) : Molex 41791-04 or equivalent
Pin No.
1,2
3,4
Assignment
+V
-V
Mating Housing
Molex 2139
or equivalent
Terminal
Molex 2478
or equivalent
AC Input Connector (CN1) : Molex 41791-03 or equivalent
Pin No.
1
2
3
Assignment
AC/L
No Pin
AC/N
Mating Housing
Molex 2139
Molex 2478
or equivalent
or equivalent
Terminal
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
Block Diagram
fosc : 100KHz
25W Single Output Switching Power Supply
PS-25 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PS-25-7.5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PS-25-7.5 TOTAL-POWER-PS-25-7.5 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-25-7.5 ASTRODYNE-PS-25-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25-7.5 MEANWELL-PS-25-7.5 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-7.5 XPPOWER-PS-25-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
PS-25-7.5 XPPOWER-PS-25-7.5 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
More results

Similar Description - PS-25-7.5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com