Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-2505 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PD-2505
Description  25W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PD-2505 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PD-2505 Datasheet HTML 1Page - RSG Electronic Components GmbH PD-2505 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PD-25A
PD-25B
PD-2505
PD-2512
PD-2515
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
AC CURRENT (Typ.)
5V
5V
5V
12V
15V
2.1A
1.2A
2.5A
1A
0.8A
0.2 ~ 2.5A
0.2 ~ 2A
0.1 ~ 3A
0.1 ~ 1.2A
0.1 ~ 1A
25W
25.2W
25W
24W
24W
50mVp-p
50mVp-p
50mVp-p
50mVp-p
50mVp-p
2.0%
2.0%
4.0%
4.0%
4.0%
4.0%
6.0%
6.0%
6.0%
6.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
3.0%
3.0%
3.0%
3.0%
4.0%
4.0%
4.0%
4.0%
250ms, 50ms/230VAC
250ms, 30ms/115VAC at full load
100ms/230VAC
16ms/115VAC at full load
85~264VAC
120~370VDC
47~63Hz
71%
77%
73%
74%
75%
0.65A/115VAC
0.4A/230VAC
COLD START 32A
<0.5mA / 240VAC
Above 105% rated output power
5.75 ~ 6.75V 13.8 ~ 16.2V 5.75 ~ 6.75V 27.6 ~ 32.4V 5.75 ~ 6.75V
13.8 ~ 16.2V
-5.75 ~ -6.75V
-13.8 ~ -16.2V 17.3 ~ 20.3V -17.3 ~ -20.3V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
UL60950-1, TUV EN60950-1 Approved
-10 ~ +60
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0 ~ 50
) ON CH1 output
10 ~ 500Hz, 2G 10min./1cycle, Period for 60min.each along X, Y, Z axes
507.9Khrs min.
MIL-HDBK-217F (25
)
107*61*28mm (L*W*H)
0.15Kg; 96pcs/15.9Kg/1.3CUFT
File Name:PD-25-SPEC 2005-10-03
1.2A
0.8A
2.5A
1A
0.8A
0.1 ~ 1.5A
0.1 ~ 1A
0.1 ~ 2.5A
0.1 ~ 1.2A
0.1 ~ 1A
150mVp-p
200mVp-p
50mVp-p
50mVp-p
50mVp-p
12V
CH2
CH2
CH2
CH2
CH2
24V
-5V
-12V
-15V
OVER TEMPERATURE
HARMONIC CURRENT
EMS IMMUNITY
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5, Light industry level, criteria A
25W Dual Output Switching Power Supply
PD-25 series
Features :
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
EMI CONDUCTION & RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Tj 135
typically (U1) Detect on main control IC
Universal AC input / Full range
Low leakage current<0.5mA
Protections:Short circuit/Over load/Over voltage/Over temperature
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 100KHz
Low cost
High reliability
2 years warranty
CH1
CH1
CH1
CH1
CH1
OUTPUT NUMBER
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PD-2505

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PD-2505 ASTRODYNE-PD-2505 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-2505 MEANWELL-PD-2505 Datasheet
418Kb / 2P
   25W Dual Output Switching Power Supply
logo
XP Power Limited
PD-2505 XPPOWER-PD-2505 Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-2505 MEANWELL-PD-2505 Datasheet
421Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-2505 ASTRODYNE-PD-2505 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
More results

Similar Description - PD-2505

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PD-25 MEANWELL-PD-25 Datasheet
418Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
logo
XP Power Limited
PD-25A XPPOWER-PD-25A Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-25 MEANWELL-PD-25_11 Datasheet
421Kb / 2P
   25W Dual Output Switching Power Supply
PD-2503 MEANWELL-PD-2503 Datasheet
317Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com