Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802AGISTR Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM6802AGISTR
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802AGISTR Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM6802AGISTR Datasheet HTML 1Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802AGISTR Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.4
Champion Microelectronic Corporation
5
ELECTRICAL CHARACTERISTICS:
Unless otherwise stated, these specifications apply Vcc=+14V, RT = 7.75K kΩ, CT = 1000pF, TA=Operating Temperature
Range (Note 1)
CM6802A/B/AH/BH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PFC Brown Out
VRMS Threshold High
Room Temperature=25℃
1.19
1.25
1.32
V
VRMS Threshold Low
Room Temperature=25℃
0.97
1.05
1.13
V
Hysteresis
170
216
260
mV
AC High Line
Sweep Vrms Pin
2.15
2.25
2.35
V
AC Low Line
Sweep Vrms Pin
1.85
2
2.12
V
Hysteresis
200
300
mV
Voltage Error Amplifier (gmv)
Input Voltage Range
0
3
V
Transconductance
VNONINV = VINV, VEAO = 2.25V @ T=25℃
53
69
88
μ mho
Feedback
Reference
Voltage
(High)
SS < VREF and Veao > 2.5V
2.4
2.51
2.62
V
CM6802A/B
1.9
2
2.1
V
Feedback
Reference
Voltage
(Low)
CM6802AH/BH
SS>VREF and Veao <
1.75V and Vrms < 2V
2.17
2.26
2.35
V
Input Bias Current
Note 2
-1.0
-0.05
μ A
Output High Voltage
5.8
6.0
V
Output Low Voltage
0.1
0.4
V
Sink Current
VFB = 3V, VEAO = 1.5V
-25
-18
-12
μ A
Source Current
VFB = 1.5V, VEAO = 2.45V
8
15
25
μ A
Open Loop Gain
DC gain
30
40
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
60
75
dB
Current Error Amplifier (gmi)
Input Voltage Range (Isense pin)
-1.2
0.7
V
Transconductance
VNONINV = VINV, IEAO = 1.5V @ T=25℃
53
69
85
μ mho
Input Offset Voltage
VEAO=0V, IAC is open
-10
50
mV
Output High Voltage
6.8
7.4
7.7
V
Output Low Voltage
0.1
0.4
V


Similar Part No. - CM6802AGISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AH CHAMP-CM6802AH Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802AGISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
   EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com