Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6903A Datasheet(PDF) 10 Page - Champion Microelectronic Corp.

Part # CM6903A
Description  Low Pin Count PFC/PWM CONTROLLER COMBO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6903A Datasheet(HTML) 10 Page - Champion Microelectronic Corp.

Back Button CM6903A Datasheet HTML 6Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 7Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 8Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 9Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 10Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 11Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 12Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 13Page - Champion Microelectronic Corp. CM6903A Datasheet HTML 14Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CM6903A
Low Pin Count PFC/PWM CONTROLLER COMBO
2008/10/20 Rev1.4
Champion Microelectronic Corporation
Page 10
One of the advantages of this control technique is that it
required only one system clock. Switch 1(SW1) turns OFF
and switch 2 (SW2) turns ON at the same instant to
minimize the momentary “no-load” period, thus lowering
ripple voltage generated by the switching action. With such
synchronized switching, the ripple voltage of the first stage
is reduced. Calculation and evaluation have shown that the
120Hz component of the PFC’s output ripple voltage can be
reduced by as much as 30% using this method,
substantially reducing dissipation in the high-voltage PFC
capacitor.
Typical Applications
PFC Section:
PFC Voltage Loop Error Amp, VEAO
The ML4803 utilizes an one pin voltage error amplifier in
the PFC section (VEAO). In the CM6903A, it is using the
slew rate enhanced transconductance amplifier, which is
the same as error amplifier in the CM6800. The unique
transconductance profile can speed up the conventional
transient response by 10 times. The internal reference of
the VEAO is 2.5V. The input of the VEAO is VFB pin.
PFC Voltage Loop Compensation
The voltage-loop bandwidth must be set to less than 120Hz
to limit the amount of line current harmonic distortion. A
typical crossover frequency is 30Hz.
The Voltage Loop Gain (S)
CV
V
DC
EAO
2
OUTDC
IN
FB
EAO
OUT
FB
EAO
OUT
Z
*
GM
*
C
*
S
*
V
*
V
V
5
.
2
*
P
V
V
*
V
V
*
V
V
Δ
Δ
Δ
Δ
Δ
Δ
Δ
=
ZCV: Compensation Net Work for the Voltage Loop
GMv: Transconductance of VEAO
PIN: Average PFC Input Power
VOUTDC: PFC Boost Output Voltage; typical designed value is
380V.
CDC: PFC Boost Output Capacitor
ΔVEAO: This is the necessary change of the VEAO to deliver
the designed average input power. The average value is
6V-3V=3V since when the input line voltage increases, the
delta VEAO will be reduced to deliver the same to the output.
To over compensate, we choose the delta VEAO is 3V.
Internal Voltage Ramp
The internal ramp current source is programmed by way of
VEAO pin voltage. When VEAO increases the ramp current
source is also increase. This current source is used to
develop the internal ramp by charging the internal 30pF +12/
-10% capacitor. The frequency of the internal programming
ramp is set internally to 67kHz.
Design PFC ISENSE Filtering
ISENSE Filter, the RC filter between Rs and ISENSE:
There are 2 purposes to add a filter at ISENSE pin:
1.) Protection: During start up or inrush current
conditions, it will have a large voltage cross Rs,
which is the sensing resistor of the PFC boost
converter. It requires the ISENSE Filter to attenuate
the energy.
2.) Reduce L, the Boost Inductor: The ISENSE Filter
also can reduce the Boost Inductor value since the
ISENSE Filter behaves like an integrator before
going ISENSE which is the input of the current error
amplifier, IEAO.


Similar Part No. - CM6903A

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AIZ CHAMP-CM6903AIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6903A

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com