Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6806AGIR Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM6806AGIR
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6806AGIR Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM6806AGIR Datasheet HTML 1Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6806AGIR Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CM6805(A;B)/CM6806A
10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
2006/10/11 Rev1.0
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS (Conti.)Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 52.3kΩ, CT = 470pF,TA=Operating Temperature Range (Note 1)
CM6805A/CM6806A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM Tri-Fault Detect Comparator
DC to DC Short
Sweep PWMtrifault
VCC-0.9
VCC-0.1
V
Green Mode Threshold
Sweep PWMtrifault
-400mV+
(VCC-1.
4)/2
(VCC-1.4)
/2
+400mV
+(VCC-1
.4)/2
V
PFC Frequency
Voltage Stability
10V < VCC < 15V
1
%
Temperature Stability
2
%
Line, Temp (CM6805A)
60
67
74.5
kHz
Line, Temp (CM6805B)
85
95
106
kHz
Total Variation
Line, Temp (CM6806A)
49
55
60
kHz
PFC Dead Time (Note 2)
0.3
0.45
0.65
us
PFC
Minimum Duty Cycle
IAC=100uA,VFB=2.55V, ISENSE = 0V
1
%
Maximum Duty Cycle
IAC=0uA,VFB=2.0V, ISENSE = 0V
90
95
%
Output Low Rdson
15
22.5
ohm
IOUT = -100mA
0.8
1.5
V
Output Low Voltage
IOUT = -10mA, VCC = 8V
0.4
0.8
V
Output High Rdson
30
45
ohm
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time (Note 2)
CL = 1000pF
50
ns
PWM
Duty Cycle Range
IC
0-50
%
Output Low Rdson
15
22.5
ohm
IOUT = -100mA
0.8
1.5
V
Output Low Voltage
IOUT = -10mA, VCC = 8V
0.7
1.5
V
Output High Rdson
30
45
ohm
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time (Note 2)
CL = 1000pF
50
ns
Supply
Start-Up Current
VCC = 11V, CL = 0
100
150
uA
Operating Current
VCC = 15V, CL = 0
2
4.0
mA
Undervoltage Lockout Threshold
12.35
13
13.65
V
Undervoltage Lockout Hysteresis
2.7
3
3.3
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Guaranteed by design, not 100% production test.


Similar Part No. - CM6806AGIR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM680 CML-CM680 Datasheet
225Kb / 1P
   T-1 Wire Terminal (standard)
logo
Visual Communications C...
CM680 VCC-CM680 Datasheet
31Kb / 1P
   Wire Terminal (standard)
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6806AGIR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com