Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6901XIS Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM6901XIS
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901XIS Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM6901XIS Datasheet HTML 1Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901XIS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2009/11/02 Rev1.4
Champion Microelectronic Corporation
Page 3
PIN DESCRIPTION
Operating Voltage
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
RSET
External resistor which convert FEAO voltage signal into current
signal for frequency modulation. SR is PWMing Control , when
RSET lower than 1.5V.
0
5.5
V
2
VFB
Non-inverting input into resonant error amplifier .
0
2.5
3
V
3
FEAO
Resonant error amplifier output and compensation node for
frequency modulation control.
0
5.5
V
4
D_IN-
Inverting input into PWM error amplifier.
0
6
V
5
D_IN+
Non-inverting input into PWM error amplifier.
0
6
V
6
DEAO
PWM error amplifier output and compensation node for PWM
control.
0
4.5
V
7
CSS
Soft start for FM/PWM operation with 1V enable threshold. Also,
use for auto-restart operation during current limit.
0
5.5
V
8
ILIM
Input to current comparator with 1V threshold.
0
1
1.25
V
9
RTCT
Oscillator timing components which set the minimum frequency.
1.2
3
V
10
GND
Ground
11
SDRVB
Synchronous MOSFET driver output.
-0.3
VCC
V
12
SDRV
Synchronous MOSFET driver output.
-0.3
VCC
V
13
PRIDRVB
Primary side MOSFET driver output.
-0.3
VCC
V
14
PRIDRV
Primary side MOSFET driver output.
-0.3
VCC
V
15
VCC
Positive supply for the IC
10
15
20
V
16
VREF
Buffered output for the 7.5V voltage reference
7.5
V


Similar Part No. - CM6901XIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901XIS CHAMP-CM6901XIS Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901XISTR CHAMP-CM6901XISTR Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
More results

Similar Description - CM6901XIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901 CHAMP-CM6901_12 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
logo
ON Semiconductor
NCL30159AA ONSEMI-NCL30159AA Datasheet
1Mb / 45P
   LLC Converter Controller with HB Driver
June, 2023 - Rev. P0
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
NXP Semiconductors
TEA2226AT NXP-TEA2226AT_V01 Datasheet
515Kb / 52P
   Digital configurable LLC controller
Rev. 1.1 - 2 November 2023
TEA2226AT NXP-TEA2226AT Datasheet
516Kb / 54P
   Digital configurable LLC controller
Rev. 1 - 14 July 2023
logo
Monolithic Power System...
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com