Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802SBHXIP Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM6802SBHXIP
Description  EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802SBHXIP Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM6802SBHXIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6802SBHXIP Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CM6802SAH/SBH (Turbo-Speed PFC+Green PWM)
http://www.championmicro.com.tw
EPA/85+ ZVS-Like PFC+PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.5
Champion Microelectronic Corporation
7
ELECTRICAL CHARACTERISTICS:
(Conti.) Unless otherwise stated, these specifications apply Vcc=+14V, RT = 5.88 kΩ, CT = 1000pF,
TA=OperatingTemperature Range (Note 1)
CM6802SAH/SBH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC ILIMIT Comparator
Threshold Voltage
0.92
1.0
1.08
V
Delay to Output (Note 4)
Overdrive Voltage = 100mV
700
ns
DC to DC PWM Brown Out Comparator
OK Threshold Voltage
2.1
2.3
2.5
V
Hysteresis
900
950
1000
mV
GAIN Modulator
Gain1 (Note 3)
IAC = 20
μ A, V
RMS =1.125, VFB = 2.375V @
T=25℃ SS<VREF
5.05
5.7
6.35
Gain2 (Note )3
IAC = 20
μ A, V
RMS = 1.45588V, VFB =
2.375V @ T=25℃ SS<VREF
4.54
5.1
5.66
Gain3 (Note 3)
IAC = 20
μ A, V
RMS =2.91V, VFB = 2.375V @
T=25℃ SS<VREF
1.27
1.5
1.72
Gain4 (Note 3)
IAC = 20
μ A, V
RMS = 3.44V, VFB = 2.375V
@ T=25℃ SS<VREF
0.93
1.1
1.26
Bandwidth (Note 4)
IAC = 40
μ A
1
MHz
Output Voltage = Rmul *
(ISENSE-IOFFSET)
IAC = 50
μ A, V
RMS = 1.125V, VFB = 2V
SS<VREF
0.74
0.8
0.86
V
Oscillator (Measuring fpfc)
Initial fpfc Accuracy 1
RT = 5.88 kΩ, CT = 1000pF, TA = 25℃
IAC=0uA
64
68
72
kHz
Voltage Stability
11V < VCC < 16.5V
2
%
Temperature Stability
2
%
Total Variation
Line, Temp
60
75
kHz
Ramp Valley to Peak Voltage
VEAO=6V and IAC=20uA
2.5
V
PFC Dead Time (Note 4)
550
950
ns
CT Discharge Current
VRAMP2 = 0V, VRAMP1 = 2.5V
10
11
12
mA


Similar Part No. - CM6802SBHXIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIP CHAMP-CM6802AGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIS CHAMP-CM6802AGIS Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802SBHXIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com