Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6901GIP Datasheet(PDF) 9 Page - Champion Microelectronic Corp.

Part # CM6901GIP
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901GIP Datasheet(HTML) 9 Page - Champion Microelectronic Corp.

Back Button CM6901GIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 10Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 11Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 12Page - Champion Microelectronic Corp. CM6901GIP Datasheet HTML 13Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2009/11/02 Rev1.4
Champion Microelectronic Corporation
Page 9
Timing Diagram
Delay Time
PRIDRV
PRIDRVB
Dead Time
Delay Time
SRDRVB
SRDRV
Oscillator
The oscillator frequency is determined by the values of RT and CT.
fosc = 1 / (tRAMP + t DEADTIME)
tRAMP = RT * CT * ln((VREF + ICHG*RT -1.25)/(VREF + ICHG*RT -3)) where ICHG = 4*(FEAO-VBE)/RSET
tDEADTIME = 2.5V/2.5mA * CT = 850 * CT
Resonant Section
FM Modulator
Frequency modulation of the resonant controller section is accomplished by controlling the charging current of the
oscillator through resonant error amplifier. The frequency of the resonant section is ½ of the oscillator frequency.
Compensation is accomplished by connecting R and C in series to the FEAO pin.
ICHG = 4*(FEAO-VBE)/RSET
ICHG(max) = 20V/RSET


Similar Part No. - CM6901GIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901 CHAMP-CM6901 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901T6X CHAMP-CM6901T6X Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901XIP CHAMP-CM6901XIP Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901XIS CHAMP-CM6901XIS Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
More results

Similar Description - CM6901GIP

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901 CHAMP-CM6901_12 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
logo
ON Semiconductor
NCL30159AA ONSEMI-NCL30159AA Datasheet
1Mb / 45P
   LLC Converter Controller with HB Driver
June, 2023 - Rev. P0
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
NXP Semiconductors
TEA2226AT NXP-TEA2226AT_V01 Datasheet
515Kb / 52P
   Digital configurable LLC controller
Rev. 1.1 - 2 November 2023
TEA2226AT NXP-TEA2226AT Datasheet
516Kb / 54P
   Digital configurable LLC controller
Rev. 1 - 14 July 2023
logo
Monolithic Power System...
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com