Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802SBHGISTR Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CM6802SBHGISTR
Description  EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802SBHGISTR Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CM6802SBHGISTR Datasheet HTML 1Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802SBHGISTR Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CM6802SAH/SBH (Turbo-Speed PFC+Green PWM)
http://www.championmicro.com.tw
EPA/85+ ZVS-Like PFC+PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.5
Champion Microelectronic Corporation
2
APPLICATIONS
PIN CONFIGURATION
EPA/85+ related Power Supply
Desktop PC Power Supply
Internet Server Power Supply
LCD Power Supply
PDP Power Supply
IPC Power Supply
UPS
Battery Charger
DC Motor Power Supply
Monitor Power Supply
Telecom System Power Supply
Distributed Power
SOP-16 (S16) / PDIP-16 (P16)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP1
RAMP2
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
DC ILIMIT
PIN DESCRIPTION
Operating Voltage
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
IEAO
PFC transconductance current error amplifier output
(Gmi).
0
VREF
V
2
IAC
IAC has 2 functions:
1. PFC gain modulator reference input.
2. Typical RAC resistor is about 6 Mega ohm to sense
the line.
0
100
uA
3
ISENSE
PFC Current Sense: for both Gain Modulator and PFC
ILIMIT comparator.
-1.2
0.7
V
4
VRMS
Line Input Sense pin and also, it is the brown out sense
pin.
0
VCC+0.3
V
5
SS
Soft start capacitor pin; can use it to on/off the boost
follower function; it is pulled down by 70K ohm internal
resistor when DCILIMIT reach 1V; the power is limited
during the PWM Brown out.
0
10
V


Similar Part No. - CM6802SBHGISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIP CHAMP-CM6802AGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIS CHAMP-CM6802AGIS Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802SBHGISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com