Electronic Components Datasheet Search |
|
CM6802BGIP Datasheet(PDF) 3 Page - Champion Microelectronic Corp. |
|
CM6802BGIP Datasheet(HTML) 3 Page - Champion Microelectronic Corp. |
3 / 25 page CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM) http://www.championmicro.com.tw EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load 2009/11/02 Rev. 1.4 Champion Microelectronic Corporation 3 6 VDC DC to DC PWM voltage feedback input. 0 10 V 7 RAMP 1 (RTCT) Oscillator timing node; timing set by RT and CT 0.8 4 V 8 RAMP 2 (PWM RAMP) In current mode, this pin functions as the current sense input; when in voltage mode, it is the feed-forward sense input from PFC output 380V (feed forward ramp). 0 VDCmax-1.8 V 9 DC ILIMIT PWM current limit comparator input 0 1 V 10 GND Ground 11 PWM OUT PWM driver output 0 VCC V 12 PFC OUT PFC driver output 0 VCC V 13 VCC Positive supply for CM6802A/B/AH/BH 10 15 18 V 14 VREF Maximum 4mA buffered output for the internal 7.5V reference when VCC=14V 7.5 V 15 VFB PFC transconductance voltage error amplifier input 0 2.5 3 V 16 VEAO PFC transconductance voltage error amplifier output (GmV) 0 6 V ORDERING INFORMATION Part Number Temperature Range Package CM6802A/B/AH/BHGIP* -40℃ to 125℃ 16-Pin PDIP (P16) CM6802A/B/AH/BHGIS* -40℃ to 125℃ 16-Pin Narrow SOP (S16) CM6802A/B/AH/BHGISTR* -40℃ to 125℃ 16-Pin Narrow SOP (S16) CM6802A/B/AH/BHXIP* -40℃ to 125℃ 16-Pin PDIP (P16) CM6802A/B/AH/BHXIS* -40℃ to 125℃ 16-Pin Narrow SOP (S16) CM6802A/B/AH/BHXISTR* -40℃ to 125℃ 16-Pin Narrow SOP (S16) *Note: G : Suffix for Pb Free Product TR : Package is Typing Reel X : Suffix for Halogen Free Product |
Similar Part No. - CM6802BGIP |
|
Similar Description - CM6802BGIP |