Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3718IS Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM3718IS
Description  1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM3718IS Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM3718IS Datasheet HTML 1Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 2Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 3Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 4Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 5Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 6Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 7Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 8Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CM3718
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
FUNCTIONAL DESCRIPTION
The CM3718 step-down, pulse-width-modulated (PWM),
DC-DC converter has an adjustable output range from VREF
to the input voltage (VIN). An internal synchronous rectifier
improves efficiency and eliminates an external Schottky diode.
Fixed-frequency operation enables easy post-filtering, thereby
providing excellent noise characteristics. As a result, the
CM3718 is an ideal choice for many small wireless systems.
VREF
The reference voltage could be ranged from 1.1V to VIN.
OUPUTS
The output voltage pins (LX) are tied to the RF power amp,
via an external inductor. Output voltage is determined by the
VREF inputs.
INPUTS
The input voltage reference pin, VREF determine the output
voltages (LX). If a specific voltage is forced at the VREF pin, the
output voltage follows the voltage at the VREF pin.
OTHER SUPPLY VOLTAGES
Several inputs are provided for the supply voltages: PVIN and
VIN.
The PVIN provide the power supply to the power MOSFETs.
VIN provides the voltage supply to the logic section and internal
error amplifiers.
FEEDBACK
The VFB pin is an input that can be used for closed loop
compensation. This input is derived from the voltage output.
AGND pin is a contact node of internal resistor divider for
remote sense.
APPLICATION CIRCUIT
TP1
BNC
1
3
4
VCC
R4
470
2
1
L1
3.3uH/2A
C2 105
R5
0
R3
100k
2
1
U3
CM3718-8PIN
VDD
JP1
JUMPER
C3
470
D1
SK12
VCC
JP2
JUMPER
J3
VREF-OUT
1
2
R7
0
2
1
JP3---->USEING EXTERNAL
VOLTAGE SETING BOARD
(PIN
1,2 SHORT)
C4
105
VDD
J2
VTT
1
2
NOTE:
J1
PWR/IN
1
2
R1
100k
2
1
C7
104
C6
47uf/6.3V
C5 104P
JP3
CON3
3
2
1
JP4
on/off sw
U2 CM-431
1
3
R2
1k
2
1
C1 100uf/6.3V
D2
SK12
R8
5.1
2
1
2006/10/11 Rev. 1.6
Champion Microelectronic Corporation
Page 4


Similar Part No. - CM3718IS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
CM3718GIS ETC-CM3718GIS Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
More results

Similar Description - CM3718IS

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
   Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
   1.5A Low Noise Step-Down Converter
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com