Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2862KIM89 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM2862KIM89
Description  600mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2862KIM89 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM2862KIM89 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2862KIM89 Datasheet HTML 9Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CM2862
600mA CMOS LDO
2006/10/11 Rev. 1.1
Champion Microelectronic Corporation
Page 3
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage …………….……………………………. +7V
Output Current …………………….…………………. 1A
Output Voltage …………………… GND-0.3V to VIN+0.3V
ESD Classification ………………………………………… B
Supply Voltage ………………………………. 4.5V to 5.5V
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range …..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θjc)
SOT-89
100
/W
Thermal Resistance (Θja)
SOT-89
180
/W
Internal Power Dissipation (PD) (ΔT = 100℃, No Heatsink)
SOT-89
400
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
ELECTRICAL CHARACTERISTICS
TA = +25
℃; VIN = VIN(MIN) unless otherwise noted
CM2862
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VOUT
IO = 1mA
-1.5
1.5
%
1.5V<VO(NOM)<=2.0V
1000
2.0V<VO(NOM)<=2.8V
800
mV
Dropout Voltage
VDROPOUT
IO = 600mA,
VOUT=VO(NOM)-1.5%,
2.8V<VO(NOM)<3.8V
600
mV
Output Current
IO
VOUT > 1.2V
600
mA
Current Limit
ILIM
VOUT > 1.2V, VIN = VIN(MIN)
600
1000
mA
Short Circuit Current
ISC
VOUT < 0.8V
250
mA
Quiescent Current
IQ
IO = 0mA
30
50
μ
A
Ground Pin Current
IGND
IO = 1mA to 600mA
30
50
μ
A
VOUT <= 2.0V
0.15
%
Line Regulation
REGLINE
IOUT=5mA, VIN=VOUT+1 to
VOUT+2
VOUT > 2.0V
0.02
0.1
%
Load Regulation
REGLOAD
IO=1mA to 600mA
0.2
1
%
Over Temperature Shutdown
OTS
150
Over Temperature Hystersis
OTH
30
VOUT Temperature Coefficient
TC
30
ppm/℃
f=1kHz
50
f=10kHz
20
Power Supply Rejection
PSRR
IO = 100mA
CO=2.2μF ceramic
f=100kHz
15
dB
CO=2.2μF
30
Output Voltage Noise
eN
f=10Hz to 100kHz
IO = 10mA, CVBG=0μF
CO=100μF
20
μ
Vrms
Note 1.
VIN(MIN) = VOUT + VDROPOUT
Note 2.
As VIN is larger than VIN(MIN), the Current Limit and output short current Spec value will increase


Similar Part No. - CM2862KIM89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2862KIM89 ETC1-CM2862KIM89 Datasheet
190Kb / 9P
   600mA CMOS LDO
More results

Similar Description - CM2862KIM89

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com