Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2835GKIM89 Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM2835GKIM89
Description  300mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2835GKIM89 Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

  CM2835GKIM89 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2835GKIM89 Datasheet HTML 9Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CM2835
300mA CMOS LDO
2006/10/11 Rev1.4
Champion Microelectronic Corporation
Page 7
PACKAGE DIMENSION
SOT-23 (M23)
E1
L
c1
D
E
A
A2
A1
b
b1
c
θ
θ2
θ1
e1
e
L1
D
e
e1
b
θ2
θ1
b1
b
Base Metal
With Plating
Section B-B
See Section B-B
L1
L
12
3
SOT-89 (M89)
e1
e
D1
H
E
A
b
L
b
1
C
D
D
D1
e
e1
b
b1
b
C
φ1.0


Similar Part No. - CM2835GKIM89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2835GKIM89 ETC1-CM2835GKIM89 Datasheet
328Kb / 9P
   300mA CMOS LDO
More results

Similar Description - CM2835GKIM89

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com