Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGR0218ZSB Datasheet(PDF) 4 Page - RF Micro Devices

Part # CGR0218ZSB
Description  PUSH-PULL 5MHz to 210MHz HIGH LINEARITY InGaP HBT AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGR0218ZSB Datasheet(HTML) 4 Page - RF Micro Devices

  CGR0218ZSB Datasheet HTML 1Page - RF Micro Devices CGR0218ZSB Datasheet HTML 2Page - RF Micro Devices CGR0218ZSB Datasheet HTML 3Page - RF Micro Devices CGR0218ZSB Datasheet HTML 4Page - RF Micro Devices CGR0218ZSB Datasheet HTML 5Page - RF Micro Devices CGR0218ZSB Datasheet HTML 6Page - RF Micro Devices CGR0218ZSB Datasheet HTML 7Page - RF Micro Devices CGR0218ZSB Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
DS091015
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGR-0218Z
Evaluation Board Schematic
Evaluation Board Layout
Value
QTY
Location
68pF
2
C10, C13
0.1uF
8
C1, C2, C3, C4, C5, C6, C8, C15
1.0uF
2
C9, C14
10uF
2
C7, C10
0
1R3
470
2R1, R2
10uH
2
L2, L3
RFMD™ XFM-0201-1WH
2
T1, T2
C1 6
10 u F
C1 5
0.1 u F
C1 4
1.0 u F
C1 3
68 p F
1
2
3
4
8
7
6
5
L3
10 u H
C4
0.1 u F
R2
470 o h m
C3
0.1 u F
R1
47 0 o h m
L2
10 u H
C2
0.1 u F
C1
0.1 u F
R3
0 o h m
C6
0.1 u F
C5
0.1 u F
C7
10 u F
C8
0.1 u F
C9
1.0 u F
C1 0
68 p F
X F M -02 01-1 W H
T1
JP 2
VD D
J1
IN
J2
OU T
T2
X F M -0201-1W H
U1
C G R0 218Z
JP 3
VD D
JP 1
GND
JP 4
GND
U1


Similar Part No. - CGR0218ZSB

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGR CDE-CGR Datasheet
1Mb / 3P
   Screw Terminal Mounting Hardware and Accessories
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-410 RFMD-CGR-0118ZPCBA-410 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-410 RFMD-CGR-0118ZPCBA-410 Datasheet
799Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
CGR-0118ZPCBA-411 RFMD-CGR-0118ZPCBA-411 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
More results

Similar Description - CGR0218ZSB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
   5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
   High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
   High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com