Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM431AGBCM233 Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM431AGBCM233
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431AGBCM233 Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM431AGBCM233 Datasheet HTML 1Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 2Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 3Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 4Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 5Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 6Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 7Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 8Page - Champion Microelectronic Corp. CM431AGBCM233 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperatures with TA = 25°C.
CM431A
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
IK = 10mA, VKA = V
,0.5%
2.488
2.5
2.512
V
REF
IK = 10mA, VKA = VREF ,1.0%
2.475
2.5
2.525
V
Reference Input Voltage
VREF
IK = 10mA, VKA = VREF ,1.5%
2.463
2.5
2.537
V
Reference Drift
IK = 10mA, VKA = VREF, 0
OC
≤ T
A ≤ 70
OC
4
17
mV
Voltage Ratio, Ref to Cathode
I
(note 4)
K = 10mA, VKA = 2.5V to 18V
-1.4
-2.7
mV/V
IK = 10mA,VKA = V
2
4
REF
Reference Input Current
IREF
IK = 10mA,VKA = VREF, 0
OC
≤ T
A ≤ 70
OC
2.3
μA
Minimum Operating Current
I
V
MIN
KA = V
0.4
1
mA
REF
Off-State Cathode Current
I
V
OFF
KA = 18V, V
= 0V
0.1
1
μA
REF
V
Dynamic Impedance
|ZKA |
KA = V
, I = 1mA to 100mA,
K
REF
0.2
0.5
Ω
f
≤ 1kHz
Note 3: These parameters are guaranteed by design
VREF
Note 4:
VKA
Ratio of change in reference input voltage to the change in cathode voltage


Similar Part No. - CM431AGBCM233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431AGBCM233 ETC-CM431AGBCM233 Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431AGBCM233

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com