Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CM431ABCS Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part No. CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHAMP [Champion Microelectronic Corp.]
Homepage  http://www.champion-micro.com
Logo 

CM431ABCS Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
PACKAGE
TOLERANCE
0.5%
1.0%
1.5%
T/R Quantity
SOT-23-3
1
CM431AACM233
CM431ABCM233
CM431AECM233
TR=3K
SOT-23-3
1
CM431AACM2R3
CM431ABCM2R3
CM431AECM2R3
TR=3K
SOT-23-5
1
CM431AACM235
CM431ABCM235
CM431AECM235
TR=3K
SOT-89
1
CM431AACM89
CM431ABCM89
CM431AECM89
TR=1K
TO-92
2
CM431AACN
CM431ABCN
CM431AECN
TA=2K
SOP-8
CM431AACS
CM431ABCS
CM431AECS
SOT-23-3
1
CM431AGACM233*
CM431AGBCM233*
CM431AGECM233*
TR=3K
SOT-23-3
1
CM431AGACM2R3*
CM431AGBCM2R3*
CM431AGECM2R3*
TR=3K
SOT-23-5
1
CM431AGACM235*
CM431AGBCM235*
CM431AGECM235*
TR=3K
SOT-89
1
CM431AGACM89*
CM431AGBCM89*
CM431AGECM89*
TR=1K
TO-92
2
CM431AGACN*
CM431AGBCN*
CM431AGECN*
TA=2K
SOP-8
CM431AGACS*
CM431AGBCS*
CM431AGECS*
Notes:
(1) Add suffix
″TR″for Tape & Reel.
(2) Add suffix
″TA″for Tape Ammo.
(3)
*Note: Add suffix “G” for Pb Free Product


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn