Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CM431ABCS Datasheet(PDF) 13 Page - Champion Microelectronic Corp.

Part No. CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHAMP [Champion Microelectronic Corp.]
Homepage  http://www.champion-micro.com
Logo 

CM431ABCS Datasheet(HTML) 13 Page - Champion Microelectronic Corp.

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 13
NUMBERING SCHEME
Ordering Number: CM431AXYZ (note1)
Ordering Number: CM431AGXYZ (note2)
note1:
X : Suffix for Reference Voltage Tolerance (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note2:
G : Suffix for Pb Free Product
X : Suffix for Reference Voltage Tolerance (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note 3: see the Reference Voltage Tolerance Suffix Table
note 4:
Y= C: 0
~+105
note 5:
Z is single alphabet with or without digits
M233 : SOT-23-3 (TR only)
M2R3: SOT-23-3 (TR only) but pin assignment is different with M233
M235 : SOT-23-5 (TR only)
M89:SOT-89(TR only)
N:TO-92(TA only)
S:SOP-8(TR only)
Reference Voltage Tolerance Suffix Table
Tolerance
Suffix
0.5%
A
1%
B
1.5%
E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn