Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM431ABCS Datasheet(PDF) 9 Page - Champion Microelectronic Corp.

Part No. CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHAMP [Champion Microelectronic Corp.]
Homepage  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431ABCS Datasheet(HTML) 9 Page - Champion Microelectronic Corp.

Back Button CM431ABCS Datasheet HTML 5Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 6Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 7Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 8Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 9Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 10Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 11Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 12Page - Champion Microelectronic Corp. CM431ABCS Datasheet HTML 13Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 9
APPLICATION INFORMATION (continued)
V
V
Figure 8.Precision 5V, 1.5A Regulator
Figure 9. Precision Constant Current Sink
VO = (1 + R1/R2) × VREF
Min VO = VREF + 5V
Figure 10. Output Control of a Three-Terminal
Fixed Regulator
IOUT = (VREF/RCL) + IKA
R1 = VBATT/((IO/hFE) + IKA)
Figure 11. Precision Current Limiter
CM431A
LM317
8.2K
Ω
243
Ω
0.1%
VBATT
O = 5V/1.5A
BATT
IO =
V
/R
REF
S
Adjust
CM431A
R
243
Ω
S
0.1%
0.1%
V
I
R
BATT
IN
O
CL
0.1%
OUT
V
V
BATT
78L05
O
Common
R1
R1
CM431A
R2
CM431A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn