Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CM431ABCS Datasheet(PDF) 8 Page - Champion Microelectronic Corp.

Part No. CM431ABCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHAMP [Champion Microelectronic Corp.]
Homepage  http://www.champion-micro.com
Logo 

CM431ABCS Datasheet(HTML) 8 Page - Champion Microelectronic Corp.

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 8
APPLICATION INFORMATION
R*
V
V
VO = (1 + R1/R2) × VREF
Note: R should provide 1mA cathode current to the
CM431A of minimum VBATT
Figure 4. Shunt Regulator
V
BATT
O
BATT
R1
0.1%
CM431A
V
CM431A
O
VREF
V
≈ 2V
Input
on
R2
Voff ≈ VBATT
0.1%
Figure 5. Single –Supply Comparator With Temperature
compensated threshold.
VO = (1 + R1/R2) × VREF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
GND
Vth = 2.5V
V
V
V
V
BATT
O
BATT
O
R1
R1
CM431A
C
R2
CM431A
R2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn