Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA3318ZSQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # CGA3318ZSQ
Description  DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA3318ZSQ Datasheet(HTML) 3 Page - RF Micro Devices

  CGA3318ZSQ Datasheet HTML 1Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 2Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 3Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 4Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 5Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 6Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 7Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 8Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
DS091119
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-3318Z
Typical RF Performance: V
S=8V, ID=150mA @ TL=+25°C, RBIAS=51 Ohms, Push-Pull Configuration
IP3 vs. Temperature
20
25
30
35
40
45
50
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
-40C
25C
85C
IP2 vs. Temperature
50
55
60
65
70
75
80
0
0.2
0.4
0.6
0.8
1
Frequency (GHz)
-40°C
+25°C
+85°C
Second Harmonic vs. Pout and Frequency
Data shown is typical at 25C
20
30
40
50
60
70
80
90
100
036
9
12
15
Pout (dBm)
66MHz
100MHz
250MHz
500MHz
Third Harmonic vs. Pout and Frequency
Data shown is typical at 25C
20
30
40
50
60
70
80
90
100
036
9
12
15
Pout (dBm)
66MHz
100MHz
250MHz
500MHz
Push-Pull Noise Figure
50MHz-900MHz Typical
0
1
2
3
4
5
6
0
200
400
600
800
1000
Frequency (MHz)
Push-Pull CTB/CSO/XMOD
34 dBmV/Ch., 79 Ch., Flat
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Frequency (MHz)
CTB
CSO-
CSO+
Xmod


Similar Part No. - CGA3318ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA3318ZSQ RFMD-CGA3318ZSQ Datasheet
417Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
More results

Similar Description - CGA3318ZSQ

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
Stanford Microdevices
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
   DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-6618 SIRENZA-CGA-6618 Datasheet
297Kb / 8P
   Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com