Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA-6618Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # CGA-6618Z
Description  DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA-6618Z Datasheet(HTML) 2 Page - RF Micro Devices

  CGA-6618Z Datasheet HTML 1Page - RF Micro Devices CGA-6618Z Datasheet HTML 2Page - RF Micro Devices CGA-6618Z Datasheet HTML 3Page - RF Micro Devices CGA-6618Z Datasheet HTML 4Page - RF Micro Devices CGA-6618Z Datasheet HTML 5Page - RF Micro Devices CGA-6618Z Datasheet HTML 6Page - RF Micro Devices CGA-6618Z Datasheet HTML 7Page - RF Micro Devices CGA-6618Z Datasheet HTML 8Page - RF Micro Devices CGA-6618Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
EDS-101993 Rev L
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-6618(Z)
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)240
mA
Max Device Voltage (VD)7
V
Max RF Input Power
+20
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Max Storage Temp
+150
°C
Min Storage Temp
-65
°
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=TLEAD
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Worst Case Over Band, CSO
81
dBc
79 Ch., Flat, +34dBmV
Worst Case Over Band, CTB
70
dBc
79 Ch., Flat, +34dBmV
Worst Case Over Band, XMOD
63
dBc
79 Ch., Flat, +34dBmV
Device Operating Voltage
4.8
5.1
5.4
V
Device Operating Current
144
160
176
mA
Thermal Resistance
35
°C/W
(Junction to Lead)
Test Conditions: VS=8V, ID=160mA Typ., RBIAS=33Ω, TL=25°C, ZS=ZL=75Ω, Push Pull Application Circuit
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
Gain vs. Frequency
10
11
12
13
14
15
16
17
18
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40C
+25C
+85C
Typical RF Performance: V
S=8V, ID=160mA @ TL=+25°C, RBIAS=33 Ohms, Push-Pull Config.
|S11| (dB) vs. Frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40C
+25C
+85C
|S22| (dB) vs. Frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40C
+25C
+85C


Similar Part No. - CGA-6618Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
CGA-6618Z SIRENZA-CGA-6618Z Datasheet
297Kb / 8P
   Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
More results

Similar Description - CGA-6618Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-6618 SIRENZA-CGA-6618 Datasheet
297Kb / 8P
   Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGB-1089Z RFMD-CGB-1089Z Datasheet
314Kb / 8P
   50MHz to 1000MHz SINGLE ENDED InGaP/GaAs HBT MMIC CATV AMPLIFIER
logo
Stanford Microdevices
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
   5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com