Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGA-1518Z Datasheet(PDF) 6 Page - RF Micro Devices

Part No. CGA-1518Z
Description  PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

CGA-1518Z Datasheet(HTML) 6 Page - RF Micro Devices

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
Prelim DS091110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-1518Z
Pin Out
Part Identification
Pin
Function
Description
1RF IN
RF input pin. External DC-blocking capacitor is required.
2, 3,
6, 7
GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as
possible.
4RF IN
Same as pin 1.
5RF OUT/VCC RF output and bias pin (open collector).
8RF OUT/VCC Same as pin 5.
EPAD
GND
Exposed area on the bottom side of the package must be soldered to the ground plane of the board for optimum
thermal and RF performance. Several vias should be located under the EPAD as shown in the recommended
land pattern.
1
2
3
4
8
7
6
5
Amplifier Configuration


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn