Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM431AGACM235 Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM431AGACM235
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431AGACM235 Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM431AGACM235 Datasheet HTML 1Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 2Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 3Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 4Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 5Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 6Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 7Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 8Page - Champion Microelectronic Corp. CM431AGACM235 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 4
ABSOLUTE MAXIMUM RATINGS
Cathode to Anode Voltage (VKA) (Note 2)
-0.3V to 18V
Continuous Cathode Current (IK)
-100mA to 150mA
Reference Input Current (IREF)
-50uA to 10mA
Maximum junction temperature range, TJ
150
OC
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260
OC
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
Note 2:
Voltage values are with respect to the anode terminal unless otherwise noted.
POWER DISSIPATION TABLE
Package
θ
JA
(
OC/W )
Derating factor ( mW/
OC )
TA≧25
OC
TA≦25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
TA= 105
OC
Power rating (mW)
SOP-8
165
6.06
757
485
394
272
TO-92
156
6.41
801
513
417
288
SOT-89
71(note)
14.1
1763
1128
916
635
SOT-23
285
3.5
438
280
228
158
Note :
1.
For SOT-89 package, Thermal Resistance-Junction to Tab (
θ
JT )
= 35
OC/W. T
J = T
TAB + (PD x θJT)
2.
θ
JA
: Thermal Resistance-Junction to Ambient
Junction Temperature Calculation:
TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
Min
Max
Units
Operating free air temperature range, TA
0
105
OC
Cathode current, IK
1
100
mA
Cathode voltage, VKA
0
16
V


Similar Part No. - CM431AGACM235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431AGACM235 ETC-CM431AGACM235 Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431AGACM235

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com