Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC018 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88SC018
Description  CryptoCompanion??Chip for CryptoMemory and CryptoRF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC018 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT88SC018 Datasheet HTML 4Page - ATMEL Corporation AT88SC018 Datasheet HTML 5Page - ATMEL Corporation AT88SC018 Datasheet HTML 6Page - ATMEL Corporation AT88SC018 Datasheet HTML 7Page - ATMEL Corporation AT88SC018 Datasheet HTML 8Page - ATMEL Corporation AT88SC018 Datasheet HTML 9Page - ATMEL Corporation AT88SC018 Datasheet HTML 10Page - ATMEL Corporation AT88SC018 Datasheet HTML 11Page - ATMEL Corporation AT88SC018 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
CryptoCompanion Chip
5277C–CryptoCompanion–9/09
Table 8.
Error Codes
Name
Value
Description
OK
0
Enabled, no error.
RstLocked
1
The AT88SC018 is disabled until the next power cycle or reset assertion. Whenever the
error bits are in this state, the Busy bit in the status register will also be asserted.
BadCmd
2
The formatting of the command was invalid, or one of the operands had an unacceptable
value.
TimeDelay
3
The AT88SC018 is disabled up for a certain period of time and will respond to
commands after this delay has elapsed. This delay may be a Power Delay
(Section 1.6.2) or Security Delay (Section 1.6.3). Whenever the error bits are in this
state, the Busy bit in the status register will also be asserted.
AuthFail
4
Either authentication must be completed prior to the execution of this command or there
was a problem during the execution of the auth commands themselves.
5
6
7
The system must poll this register (using TWI reads) after sending a command to the chip before attempting to read the
result.
This register cannot be written, attempts to do so will result in a NACK.
1.4.6.
Byte Order
The AT88SC018 uses a big-endian byte order for all large integers (addresses, counters) which means that the most
significant byte appears first on the bus. Within this document, that byte is shown on the left side of the page. Arrays
(F values, cryptograms, passwords, digests) appear in index order, byte 0 first (or on the left of the page).
The two wire protocol specifies that the most significant bit within a byte appears first on the bus, and it appears on the
left side of the page.
1.5.
Memory Architecture
The 4K bit (512 byte) EEPROM within the AT88SC018 is organized into a number of sections, each of which have
different access restrictions.
1.5.1.
Memory Locking
On shipment from Atmel, certain locations are preloaded by Atmel, per Section 1.5.13. All other data locations are
unknown. The system manufacturer should load all areas important for proper system operation with the desired initial
values.
When this initialization is complete the Lock command should be executed which limits access to the memory per the
restrictions listed later in this section. The system can determine the current lock value by using the
ReadManufacturingID command to read out the ManufacturingID value (MfrID) and the lock byte.
The table below describes the encoding of the least significant two bits of the Lock byte. On shipment from Atmel,
Lock[1:0] will have a value of either 10 or 00, depending on the part number ordered. An AT88SC018 in either of these
two states is considered ‘unlocked’. It is not possible to change from one of these unlocked states to the other.
After the Lock command has been executed, the Lock byte will have the value 0xFF. Subsequent changes to the Lock
byte are impossible.


Similar Part No. - AT88SC018

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018 Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
AT88SC018-SU-CM ATMEL-AT88SC018-SU-CM Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
AT88SC018-SU-CM-T ATMEL-AT88SC018-SU-CM-T Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
AT88SC018-SU-CN ATMEL-AT88SC018-SU-CN Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
AT88SC018-SU-CN-T ATMEL-AT88SC018-SU-CN-T Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
More results

Similar Description - AT88SC018

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_1 Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
AT88SC118 ATMEL-AT88SC118_14 Datasheet
268Kb / 11P
   CryptoCompanion Device for CryptoRF and CryptoMemory Products
AT88SC016 ATMEL-AT88SC016 Datasheet
358Kb / 8P
   CryptoCompanion Chip
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0104CRF ATMEL-AT88SC0104CRF_08 Datasheet
1Mb / 108P
   CryptoRF Specification
AT88RF04C ATMEL-AT88RF04C_09 Datasheet
896Kb / 158P
   CryptoRF Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com