Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSBC1 Datasheet(PDF) 1 Page - MMD Components

Part # KSBC1
Description  Plastic SMD Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

KSBC1 Datasheet(HTML) 1 Page - MMD Components

  KSBC1 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision K08/27/07D
K Series Crystal
Plastic SMD Package
Wide Frequency Range
RoHS Compliant Available
Tape and Reel Packaging
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR
(Ohms)
Mode / Cut
3.500MHz to 3.999MHz
200 Max
Fund / AT
4.000MHz to 5.999MHz
150 Max
Fund / AT
6.000MHz to 9.999MHz
100 Max
Fund / AT
10.000MHz to 30.000MHz
50 Max
Fund / AT
30.000MHz to 35.999MHz
100 Max
3rd OT/AT
36.000MHz to 70.000MHz
80 max
3rd OT/AT
MARKING:
Frequency Range
3.500MHz to 70.000MHz
Frequency Tolerance/ Stability
±50ppm / ±100ppm Standard
(See Part Number Guide for Options)
Operating Temperature Range
-10°C to +60°C
Storage Temperature
-55°C to +125°C
Aging
±5ppm per year max
Shunt Capacitance
7pF Max
Load Capacitance
16pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Mode of Operation
Fundamental or 3rd OT
Drive Level
50µW to 100µW
Insulation Resistance
500 M ohms Min at 100VDC ±15VDC
Hermeticity of Seal
1 x 10-2 mPa (m3/s) Max
Shock Resistance
±5ppm max (drop test onto a hard
wooden board from 75cm)
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
MECHANICAL DETAILS:
4.60 [.181]
MAX
3.70 [.146]
MAX
1.00 [.039]
9.40 [.370]
7.60 [.299]
1.70 [.067]
1.80 [.071]
1.80 [.071]
43
12
43
2
1
12.50 [.492]
MAX
0.80 [.031]
Recommended
Land Pattern
Dimension in Brackets are in Inches
MOISTURE SENSITIVITY LEVEL:
Level
Floor Life
Standard
Accelerated Equivalent
Time
Conditions
Time
Conditions
Time
Conditions
3
168 Hours
≤30ºC/60% R.H.
192 +5/-0 Hours
30ºC/60% R.H.
40 +1/-0 Hours
60ºC/60% R.H.
PART NUMBER GUIDE:
Frequency
Load Capacitance
S = Series
16 = 16pF (Standard)
XX = XXpF (8pF to 50pF)
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
E = ±50 ppm / ±50 ppm
Mode of Operation
1 = Fundamental
3 = 3rd Overtone
Packaging
Blank = Bulk
T = Tape and Reel
12.5mm x 4.6mm
Plastic 4 J Lead
K
D = -10°C to +60°C
Operating Temperature
C = -40°C to +85°C
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - KSBC1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Protected against flux
KSB CK-COMPONENTS-KSB Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-110 CK-COMPONENTS-KSB0A-110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB0A-111 CK-COMPONENTS-KSB0A-111 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
More results

Similar Description - KSBC1

ManufacturerPart #DatasheetDescription
logo
MMD Components
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
   4 Pad Plastic SMD Package
logo
Continental Device Indi...
SOD-123 CDIL-SOD-123 Datasheet
176Kb / 3P
   SOD-123 SMD Plastic Package
DO-213AB CDIL-DO-213AB Datasheet
159Kb / 4P
   DO-213AB MELF SMD Plastic Package
DO-214AB CDIL-DO-214AB Datasheet
351Kb / 3P
   DO-214AB (SMC) SMD Plastic Package
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
DO-214AA CDIL-DO-214AA Datasheet
264Kb / 4P
   DO-214AA (SMB) SMD Plastic Package
DO-214AC CDIL-DO-214AC Datasheet
217Kb / 4P
   DO-214AC (SMA) SMD Plastic Package
logo
CITIZEN ELECTRONICS CO....
CM200C CITIZEN-CM200C Datasheet
79Kb / 1P
   TUNING FORK CRYSTAL UNITS (SMD ??Plastic Package)
logo
Continental Device Indi...
DF-S CDIL-DF-S Datasheet
372Kb / 3P
   DF-S (4-Leads) SMD Plastic Package
SOT-363 CDIL-SOT-363 Datasheet
300Kb / 3P
   SOT-363 (6 Leads) SMD Plastic Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com