Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6905-02 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6905-02
Description  High Brightness LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6905-02 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6905-02 Datasheet HTML 1Page - Princeton Technology Corp PT6905-02 Datasheet HTML 2Page - Princeton Technology Corp PT6905-02 Datasheet HTML 3Page - Princeton Technology Corp PT6905-02 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
PT6905
High Brightness LED Driver
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6905 is a three-stages (two-stages) dimming high
brightness LED driver control IC. It allows efficient
operation of driver current up to 800mA output, and the
input range is from 7V to 36V. Moreover, PT6905
controls the internal MOS at a modulated switch
frequency up to 1MHz. PT6905 drives a single or
multiple series LEDs at a constant-current control
method; thus, providing constant current light output
and enhanced reliability. PT6905 uses innovative
three or two stages dimming mode, it can be realized
by ON/OFF the power supply switch easily. The output
current will be set at 1/3, 2/3 or 1 times of the normal
value (1/3 or 1 times of normal value in two stage
dimming mode). Every time the power supply switch
ON/OFF, the output current will be transferred to the
next state.
PT6905 integrates more protection functions. The
reliability of LEDs and device can be promoted by
these protection functions. PT6905 provides over
current protection when output short-circuit or LEDs
current rises up about two times setting current.
PT6905 must be power-up again if over current
protection happens. PT6905 also provides over
temperature protection. When the internal temperature
rises up about 135℃, PT6905 will turn off switch. It will
turn-on again when internal temperature falls down
about 115℃.
APPLICATIONS
• DC/DC LED driver
• Low voltage industrial LED lighting
• Low voltage halogen replacement LEDs
• Decorative LED lighting
FEATURES
• Three(or two) stages dimming
• >90% Efficiency
• Wide input voltage range: 7V to 36V
• Constant current driver
• Applications up to 0.8A
• Thermal shutdown protection
• Over current protection
• Open circuit protection
• Under voltage lockout
• Internal 40V power NMOS switch
BLOCK DIAGRAM


Similar Part No. - PT6905-02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905N TI1-PT6905N Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Princeton Technology Co...
PT6905 PTC-PT6905_10 Datasheet
254Kb / 4P
   3-Stage Dimming LED Driver
More results

Similar Description - PT6905-02

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com