Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5622-D-001 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT5622-D-001
Description  Three-level (On/Off) Ballast Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5622-D-001 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT5622-D-001 Datasheet HTML 1Page - Princeton Technology Corp PT5622-D-001 Datasheet HTML 2Page - Princeton Technology Corp PT5622-D-001 Datasheet HTML 3Page - Princeton Technology Corp PT5622-D-001 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT5622
V1.0
2
APPLICATION CIRCUIT
AC: 120V, OUTPUT POWER 15W/7W/3W


Similar Part No. - PT5622-D-001

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5622-D-001 PTC-PT5622-D-001 Datasheet
284Kb / 4P
   Three-level (On/Off) Ballast Controller
More results

Similar Description - PT5622-D-001

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5622 PTC-PT5622_10 Datasheet
284Kb / 4P
   Three-level (On/Off) Ballast Controller
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
logo
Linear Technology
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
   Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com