Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2366 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2366
Description  1W Class-AB Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2366 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2366 Datasheet HTML 1Page - Princeton Technology Corp PT2366 Datasheet HTML 2Page - Princeton Technology Corp PT2366 Datasheet HTML 3Page - Princeton Technology Corp PT2366 Datasheet HTML 4Page - Princeton Technology Corp PT2366 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2366 V1.2
- 2 -
May, 2008
1W Class-AB Audio Power Amplifier
PT2366
PIN CONFIGURATION
/S HUTDOW N
BY PASS
+IN
-IN
1
2
3
4
8
7
6
5
VO2
GND
VDD
VO1
PT2366
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
/SHUTDOWN
I
Shutdown pin
Entire IC into the shutdown mode when this pin connected
to the GND.
1
BYPASS
I
Internal bias reference bypassing
2
+IN
I
Channel input (+)
3
-IN
I
Channel input (-)
4
Vo1
O Channel output (-)
5
VDD
-
Supply voltage
6
GND
-
Ground
7
Vo2
O Channel output (+)
8


Similar Part No. - PT2366

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2366-MS PTC-PT2366-MS Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366L-MS PTC-PT2366L-MS Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366L-MS PTC-PT2366L-MS Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
More results

Similar Description - PT2366

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
   1W Class AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
   CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
   AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
   AB/D class switching audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM4890 HMSEMI-HM4890 Datasheet
760Kb / 11P
   1 Watt CLASS-AB Audio Power Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com