Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2315E Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2315E
Description  Stereo Audio Processor for Home TV Audio
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2315E Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2315E Datasheet HTML 1Page - Princeton Technology Corp PT2315E Datasheet HTML 2Page - Princeton Technology Corp PT2315E Datasheet HTML 3Page - Princeton Technology Corp PT2315E Datasheet HTML 4Page - Princeton Technology Corp PT2315E Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PT2315E
PRE1.0
September 2009
2
APPLICATION CIRCUIT
22uF
VDD
27n
27n
100n
100n
100n
100n
100n
100n
5.6K
5.6K
Left
Right
10uF
10uF
Power
Amplifier
MCU
PT2315E
2.2uF
2.2uF
AUDIO 1
2.2K
2.2K
L
R
Input Surge
Protection
REF
VDD
AGND
TREB_L
TREB_R
RIN
LOUD_R
LOUD_L
LIN
BOUT_L
BIN_L
BIN_R
BOUT_R
OUT_R
OUT_L
DGND
SDA
SCL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC


Similar Part No. - PT2315E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E-S PTC-PT2315E-S Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results

Similar Description - PT2315E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
BD3402KS2 ROHM-BD3402KS2 Datasheet
204Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com