Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8165 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8165
Description  16-bit Digital Signal Controllers
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8165 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8165 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8165 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
56F8365/56F8165 Features
56F8365 Technical Data, Rev. 8
Freescale Semiconductor
7
Preliminary
— In the 56F8365, two Pulse Width Modulator modules, each with six PWM outputs, three Current Sense
inputs, and four Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned
and edge-aligned modes
— In the 56F8165, one Pulse Width Modulator module with six PWM outputs, three Current Sense inputs
and three Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned and
edge-aligned modes
Four 12-bit, Analog-to-Digital Converters (ADCs), which support four simultaneous conversions with
quad, 4-pin multiplexed inputs; ADC and PWM modules can be synchronized through Timer C, channels
2 and 3
Quadrature Decoder:
— In the 56F8365, two four-input Quadrature Decoders or two additional Quad Timers
— In the 56F8165, one four-input Quadrature Decoder, which works in conjunction with Quad Timer A
Temperature Sensor can be connected, on the board, to any of the ADC inputs to monitor the on-chip
temperature
•Quad Timer:
— In the 56F8365, four dedicated general-purpose Quad Timers totaling six dedicated pins: Timer C with
two pins and Timer D with four pins
— In the 56F8165, two Quad Timers; Timer A and Timer C both work in conjunction with GPIO
Optional On-Chip Regulator
Up to two FlexCAN (CAN Version 2.0 B-compliant) modules with 2-pin port for transmit and receive
Two Serial Communication Interfaces (SCIs), each with two pins (or four additional GPIO lines)
Up to two Serial Peripheral Interfaces (SPIs), both with configurable 4-pin port (or eight additional GPIO
lines); SPI1 can also be used as Quadrature Decoder 1 or Quad Timer B
Computer Operating Properly (COP)/Watchdog timer
Two dedicated external interrupt pins
49 General Purpose I/O (GPIO) pins; 28 pins dedicated to GPIO
External reset input pin for hardware reset
External reset output pin for system reset
Integrated low-voltage interrupt module
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time
debugging
Software-programmable, Phase Lock Loop (PLL)-based frequency synthesizer for the core clock
1.1.5
Energy Information
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories; can be disabled
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
ADC smart power management
Each peripheral can be individually disabled to save power


Similar Part No. - 56F8165

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8165 FREESCALE-56F8165 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8165

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com