Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8155 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8155
Description  16-Bit Digital Signal Controllers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8155 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8155 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
56F8355/56F8155 Features
56F8355 Technical Data, Rev. 17
Freescale Semiconductor
7
Preliminary
Harvard architecture permits as many as three simultaneous accesses to program and data memory
Flash security protection feature
On-chip memory, including a low-cost, high-volume Flash solution
— 256KB of Program Flash
— 4KB of Program RAM
— 8KB of Data Flash
— 16KB of Data RAM
— 16KB of Boot Flash
EEPROM emulation capability
1.1.4
Peripheral Circuits
Note: Features in italics are NOT available in the 56F8155 device.
Pulse Width Modulator module:
— In the 56F8355, two Pulse Width Modulator modules, each with six PWM outputs, three Current Sense
inputs, and four Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned
and edge-aligned modes
— In the 56F8155, one Pulse Width Modulator module with six PWM outputs, three Current Sense inputs
and three Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned and
edge-aligned modes
Four 12-bit, Analog-to-Digital Converters (ADCs), which support four simultaneous conversions with
quad, 4-pin multiplexed inputs; ADC and PWM modules can be synchronized through Timer C, channels
2 and 3
Quadrature Decoder:
— In the 56F8355, two four-input Quadrature Decoders or two additional Quad Timers
— In the 56F8155, one four-input Quadrature Decoder, which works in conjunction with Quad Timer A
Temperature Sensor can be connected, on the board, to any of the ADC inputs to monitor the on-chip
temperature
•Quad Timer:


Similar Part No. - 56F8155

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8155 FREESCALE-56F8155 Datasheet
2Mb / 164P
   16-bit Hybrid Controllers
56F8155 FREESCALE-56F8155 Datasheet
2Mb / 164P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8155

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com