Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPV-300-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SPV-300-48
Description  300W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPV-300-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SPV-300-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPV-300-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPV-300-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
S P - 3 2 0 series
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:SPV-300-SPEC2009-07-13
CaseNo.912GUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
88
95
100
115
135
155
175
195
230
264
300
250
200
150
100
50
25
Ta=25
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
300WSingleOutputwithPFCFunction
(HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
O.V.P.
O.T.P.
INRUSH
CURRENT
ACTIVE
LIMITING
FAN
FAN
CONTROL
SPEED
90
100
80
70
60
50
40
S P V- 3 0 0 series
4-M4L=5mm
5-M3L=3mm
1
2
3
4
5
6
7
8
9
27.5
19
177.5
32.5
150
117.5
15
48.7
32.5
150
215
6-M4L=5mm
14max.
Airflow
direction
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
5
3
4
2
6~7
8~9
Assignment
Assignment
AC/L
PV
FG
RC
AC/N
DCOUTPUT -V
DCOUTPUT+V
PV
RC
+V ADJ.


Similar Part No. - SPV-300-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300-48 MEANWELL-SPV-300-48 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
SPV-300-48 MEANWELL-SPV-300-48 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
logo
Total Power Internation...
SPV-300-48 TOTAL-POWER-SPV-300-48 Datasheet
135Kb / 3P
   300W Single Output with PFC Function
More results

Similar Description - SPV-300-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_10 Datasheet
268Kb / 2P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300 TOTAL-POWER-HRPG-300 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com