Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA01N-05 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SMA01N-05
Description  1W DC-DC Unregulated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SMA01N-05 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SMA01N-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIDEVIEW
BOTTON
VIEW
3.81(0.15)
0.5(0.02)
0.25(0.01)
5.08(0.2)
12.7(0.50)
7.62(0.30)
1
4
7
5
1500VDC I/O isolation
3000VDC I/O isolation(optional)
Operating temperature range of -40 ~ +85
without derating
Internal SMD technology
Built-in EMI filter
Cooling by free air convection
Non-conductive plastic case
Dual in line package
Industry standard pinout
100% burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
SELECTIONGUIDE
FileName:SMA01-SPEC 2009-10-12
SMA01L-05
77%
0~200mA
5V
SMA01M-05
79%
ORDERNO.
DCOUTPUTVOLTAGE
OUTPUTCURRENTRANGE
EFFICIENCY(Typ.)
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY(Typ.)
NORMAL VOLTAGE
INPUTCURRENT
INPUT
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION (L*W*H)
OTHERS
NOTE
WEIGHT
OVERLOAD
SHORTCIRCUIT
PROTECTION
Momentary
Momentary
I/P-O/P:1.5KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
700khrsmin.MIL-HDBK-217F(25
)
-40~+90
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-55~+125
,10~95%RH
0.05%/
(0~50
)
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
1.7g
12.7*10.16*7.1mmor0.50"*0.40"*0.28"inchfor5V,12Vinput;12.7*10.16*7.62mmor0.50"*0.40"*0.30"inchfor24Vinput
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
Fullload
Noload
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
SMA01N-12
SMA01L-15
SMA01M-15
SMA01N-15
SMA01L-12
SMA01M-12
ORDERNO.
DCOUTPUTVOLTAGE
OUTPUTCURRENTRANGE
EFFICIENCY(Typ.)
78%
57mA
57mA
11mA
11mA
250mA
250mA
24V
24V
79%
0~67mA
15V
79%
150mA
150mA
77%
78%
0~84mA
12V
265mA
265mA
32mA
32mA
5V
5V
80%
VOLTAGERANGE
21.6~26.4V
21.6~26.4V
4.5~5.5V
4.5~5.5V
100KHz
2.0%
8.0%
1.2%for1%inputvariation
100mVp-p
1W
10.8~13.2V
10.8~13.2V
110mA
110mA
15mA
15mA
12V
12V
Features :
Protectiontype:Broken
Protectiontype: Broken
Output
-Vin
+Vin
+Vout
-Vout
PinNo.
1
4
5
7
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
VOLTAGE ACCURACY
1WDC-DCUnregulatedSingleOutputConverter
S M A 0 1 series
SMA01N-05
77%
SMA01L-09
77%
0~110mA
9V
SMA01M-09
78%
SMA01N-09
75%
PROTECTION(FUSERECOMMENDED) 500mA
500mA
FILTER
Capacitortype
Ta(
)
-40
0
20
40
60
90 100
85
50
100
EMSIMMUNITY
EMIRADIATION
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8lightindustrylevel,criteria A


Similar Part No. - SMA01N-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SMA01 MEANWELL-SMA01 Datasheet
52Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results

Similar Description - SMA01N-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01_08 Datasheet
268Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMA01 MEANWELL-SMA01 Datasheet
52Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01_11 Datasheet
167Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU01L-05 MEANWELL-SMU01L-05 Datasheet
189Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01_09 Datasheet
212Kb / 1P
   1W DC-DC Unregulated Single Output Converter
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com