Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8027MPV Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8027MPV
Description  60V, 4A DC/DC Module Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPV Datasheet(HTML) 5 Page - Linear Technology

  LTM8027MPV Datasheet HTML 1Page - Linear Technology LTM8027MPV Datasheet HTML 2Page - Linear Technology LTM8027MPV Datasheet HTML 3Page - Linear Technology LTM8027MPV Datasheet HTML 4Page - Linear Technology LTM8027MPV Datasheet HTML 5Page - Linear Technology LTM8027MPV Datasheet HTML 6Page - Linear Technology LTM8027MPV Datasheet HTML 7Page - Linear Technology LTM8027MPV Datasheet HTML 8Page - Linear Technology LTM8027MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8027
5
8027f
Input Current vs Load,
VOUT = 2.5V
LOAD (A)
0
0
500
1000
1500
2000
2500
3000
12
3
4
8027 G43
5VIN
12VIN
24VIN
36VIN
Input Current vs Load,
VOUT = 3.3V
LOAD (A)
0
2000
2500
3500
3
8027 G10
1500
1000
12
4
500
0
3000
5VIN
12VIN
24VIN
36VIN
48VIN
60VIN
Input Current vs Load,
VOUT = 5V
LOAD (A)
0
0
200
600
800
1000
2000
1400
1
2
8027 G11
400
1600
1800
1200
3
4
12VIN
24VIN
36VIN
48VIN
60VIN
Input Current vs Load,
VOUT = 8V
Input Current vs Load,
VOUT = 12V
Input Current vs Load,
VOUT = 15V
LOAD (A)
0
2000
2500
3500
3
8027 G12
1500
1000
12
4
500
0
3000
12VIN
24VIN
36VIN
48VIN
60VIN
LOAD (A)
0
1000
1500
4
8027 G13
500
0
1
2
3
2500
2000
24VIN
36VIN
48VIN
60VIN
LOAD (A)
0
0
500
1000
1500
2000
2500
3000
12
3
4
8027 G14
24VIN
36VIN
48VIN
60VIN
Input Current vs Load,
VOUT = 18V
Input Current vs Load,
VOUT = 24V
Bias Current vs Load,
VOUT = 2.5V
LOAD (A)
0
0
500
1000
1500
2000
2500
3500
3000
12
3
4
8027 G15
24VIN
36VIN
48VIN
60VIN
LOAD (A)
0
0
500
1000
1500
2000
2500
3500
3000
12
3
4
8027 G16
36VIN
48VIN
60VIN
LOAD (A)
0
14.00
14.50
4
8027 G17
13.50
13.00
12.00
1
2
3
12.50
15.50
15.00
36VIN
24VIN
12VIN
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)


Similar Part No. - LTM8027MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027MPV LINER-LTM8027MPV Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM8027MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
   60V, 4A DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com